Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 272 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 272 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 268Page - Texas Instruments AM6548 Datasheet HTML 269Page - Texas Instruments AM6548 Datasheet HTML 270Page - Texas Instruments AM6548 Datasheet HTML 271Page - Texas Instruments AM6548 Datasheet HTML 272Page - Texas Instruments AM6548 Datasheet HTML 273Page - Texas Instruments AM6548 Datasheet HTML 274Page - Texas Instruments AM6548 Datasheet HTML 275Page - Texas Instruments AM6548 Datasheet HTML 276Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 299 page
background image
272
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
System Bus Interface:
–
64-bit data width (master interface)
–
64-bit address
–
Clock asynchronous to MMCSD clock (MMCi_CLK)
–
Little endian only
•
Configuration Bus Interface:
–
32-bit data width (slave interface)
–
Linear incrementing addressing mode
–
32-bit aligned accesses only
–
Little endian only
MMCSD0 Host Controller:
MultiMedia Card Support:
–
eMMC Electrical Standard 5.1 (JESD84-B51)
–
Backward compatible with earlier eMMC standards
–
Legacy MMC card SDR:
•
3.3 V/1.8 V, 8-bit bus width, 0-26 MHz, 26 MBps
•
3.3 V/1.8 V, 4-bit bus width, 0-26 MHz, 13 MBps
•
3.3 V/1.8 V, 1-bit bus width, 0-26 MHz, 3.25 MBps
–
High Speed SDR:
•
3.3 V/1.8 V, 8-bit bus width, 0-52 MHz, 52 MBps
•
3.3 V/1.8 V, 4-bit bus width, 0-52 MHz, 26 MBps
•
3.3 V/1.8 V, 1-bit bus width, 0-52 MHz, 6.5 MBps
–
High Speed DDR:
•
3.3 V/1.8 V, 8-bit bus width, 0-52 MHz, 104 MBps
•
3.3 V/1.8 V, 4-bit bus width, 0-52 MHz, 52 MBps
–
HS200 SDR:
•
1.8 V, 0-200 MHz, 8-bit bus width, 200 MBps
•
1.8 V, 0-200 MHz, 4-bit bus width, 100 MBps
Secure Digital Card Support:
–
Backward compatible with earlier SD card specifications
–
SD Physical Layer Specification v3.01
–
SDIO support
–
SDIO Specification v3.00
–
High Voltage SD memory card – operating voltage range: 3.0 V - 3.6 V
–
Default Speed mode: 3.3 V signaling, frequency up to 25 MHz, up to 12.5 MBps
–
High Speed mode: 3.3 V signaling, frequency up to 50 MHz, up to 25 MBps
–
SDR12: UHS-I 1.8 V signaling, frequency up to 25 MHz, up to 12.5 MBps
–
SDR25: UHS-I 1.8 V signaling, frequency up to 50 MHz, up to 25 MBps
–
SDR50: UHS-I 1.8 V signaling, frequency up to 100 MHz, up to 50 MBps
–
SDR104: UHS-I 1.8 V signaling, frequency up to 208 MHz, up to 104 MBps
–
DDR50: UHS-I 1.8 V signaling, frequency up to 50 MHz, up to 50 MBps
MMCSD1 Host Controller:
MultiMedia Card Support:
–
eMMC Electrical Standard 5.1 (JESD84-B51)
–
Backward compatible with earlier eMMC standards
–
Legacy MMC card SDR:
•
3.3 V/1.8 V, 4-bit bus width, 0-26 MHz, 13 MBps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com