Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 274 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 274 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 270Page - Texas Instruments AM6548 Datasheet HTML 271Page - Texas Instruments AM6548 Datasheet HTML 272Page - Texas Instruments AM6548 Datasheet HTML 273Page - Texas Instruments AM6548 Datasheet HTML 274Page - Texas Instruments AM6548 Datasheet HTML 275Page - Texas Instruments AM6548 Datasheet HTML 276Page - Texas Instruments AM6548 Datasheet HTML 277Page - Texas Instruments AM6548 Datasheet HTML 278Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 299 page
background image
274
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.11.21 OSPI
The Octal Serial Peripheral Interface (OSPI™) module is a kind of Serial Peripheral Interface (SPI)
module which allows single, dual, quad or octal read and write access to external flash devices. This
module has a memory mapped register interface, which provides a direct memory interface for accessing
data from external flash devices, simplifying software requirements.
The OSPI module is used to transfer data, either in a memory mapped direct mode (for example a
processor wishing to execute code directly from external flash memory), or in an indirect mode where the
module is set-up to silently perform some requested operation, signalling its completion via interrupts or
status registers. For indirect operations, data is transferred between system memory and external flash
memory via an internal SRAM which is loaded for writes and unloaded for reads by a device master at low
latency system speeds. Interrupts or status registers are used to identify the specific times at which this
SRAM should be accessed using user programmable configuration registers.
The OSPI modules have the following features:
•
Support for single, dual, quad (QSPI mode) or octal (on MCU_FSS0_OSPI0 only) I/O instructions.
•
Support dual Quad-SPI mode for fast boot applications.
•
Memory mapped ‘direct’ mode of operation for performing flash data transfers and executing code from
flash memory.
•
Software triggered 'indirect' mode of operation for performing low latency and non-processor intensive
flash data transfers.
•
Local SRAM of configurable size to reduce advanced high-performance bus overhead and buffer flash
data during indirect transfers.
•
Set of software advanced peripheral bus accessible flash control registers to perform any flash
command, including data transfers up to 8-bytes at a time.
•
Additional addressable Memory Bank to accommodate more than 8-bytes at a time.
•
Supports any device clock frequency, including frequencies of:
–
166 MHz SDR or 200 MHz DDR (with DQS) for Octal-SPI devices
–
133 MHz SDR or 70 MHz DDR for Quad-SPI devices
•
Support for XIP (Execute in Place), sometimes referred to as continuous mode.
•
Support for DDR Mode and DTR protocol (including Octal DDR protocol with DQS for Octal-SPI
devices)
•
Programmable device sizes.
•
Programmable write protected regions to block system writes from taking effect.
•
Programmable delays between transactions.
•
Legacy mode allowing software direct access to low level transmit and receive FIFOs, bypassing the
higher layer processes.
•
An independent reference clock to decouple bus clock from SPI clock – allows slow system clocks.
•
Programmable baud rate generator to generate OSPI clocks.
•
Features included to improve high speed read data capture mechanism.
•
Option to use adapted clocks or DQS to further improve read data capturing.
•
Programmable interrupt generation.
•
Up to four external device selects - OSPI and QSPI devices can be mixed:
–
MCU_FSS0_OSPI0 has four chip-selects
–
MCU_FSS0_OSPI1 has two chip-selects.
•
Programmable data decoder, enables continuous addressing mode for each of connected devices and
auto-detection of boundaries between devices.
•
Support BOOT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com