Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 278 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 278 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 274Page - Texas Instruments AM6548 Datasheet HTML 275Page - Texas Instruments AM6548 Datasheet HTML 276Page - Texas Instruments AM6548 Datasheet HTML 277Page - Texas Instruments AM6548 Datasheet HTML 278Page - Texas Instruments AM6548 Datasheet HTML 279Page - Texas Instruments AM6548 Datasheet HTML 280Page - Texas Instruments AM6548 Datasheet HTML 281Page - Texas Instruments AM6548 Datasheet HTML 282Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 299 page
background image
278
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.11.25 UART
The UART is a slave peripheral that utilizes the DMA for data transfer or interrupt polling via host CPU.
There are five UART modules in the device. All UART modules support IrDA and CIR modes when 48
MHz function clock is used. Each UART can be used for configuration and data exchange with a number
of external peripheral devices or interprocessor communication between devices.
The UART include the following features:
•
16C750-compatible
•
RS-485 external transceiver auto flow control support
•
64-byte FIFO buffer for receiver and 64-byte FIFO for transmitter
•
Programmable interrupt trigger levels for FIFOs
•
Programmable sleep mode
•
The 48 MHz functional clock option allows baud rates up to 3.6Mbps
•
The 192 MHz functional clock option allows baud rates up to 12Mbps
•
Auto-baud between 1200 bits/s and 115.2 Kbits/s (only when 48 MHz function clock is used)
•
Optional multi-drop transmission
•
Configurable time-guard feature
•
Configurable data format:
–
Data bit: 5, 6, 7, or 8 bits
–
Parity bit: Even, odd, none
–
Stop-bit: 1, 1.5, 2 bit(s)
•
Flow control: Hardware (RTS/CTS) or software (XON/XOFF)
•
False start bit detection
•
Line break generation and detection
•
Fully prioritized interrupt system controls
•
Internal test and loopback capabilities
•
Modem control functions (CTS, RTS)
•
USART0 module in MAIN domain has extended modem control signals (DCD, RI, DTR, DSR)
The IrDA includes the following features:
•
Support of IrDA 1.4 slow infrared (SIR), medium infrared (MIR), and fast infrared (FIR)
communications:
–
Slow infrared (SIR 115.2 KBAUD), medium infrared (MIR 0.576 MBAUD) and fast infrared (FIR 4.0
MBAUD) operations (very fast infrared (VFIR) is not supported)
–
Frame formatting: Addition of variable beginning-of-frame (xBOF) characters and end-of-frame
(EOF) characters
–
Uplink/downlink cyclic redundancy check (CRC) generation/detection
–
Asynchronous transparency (automatic insertion of break character)
–
Eight-entry status FIFO (with selectable trigger levels) to monitor frame length and frame errors
–
Framing error, CRC error, illegal symbol (FIR), and abort pattern (SIR, MIR) detection
•
IrDA mode when 48 MHz function clock is used
The CIR mode uses a variable pulse-width modulation (PWM) technique (based on multiples of a
programmable t period) to encompass the various formats of infrared encoding for remote-control
applications. The CIR logic transmits data packets based on a user-definable frame structure and packet
content.
The CIR includes the following features to provide CIR support for remote-control applications:
•
Transmit and receive mode
•
Free data format (supports any remote-control private standards)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com