Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 279 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 279 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 275Page - Texas Instruments AM6548 Datasheet HTML 276Page - Texas Instruments AM6548 Datasheet HTML 277Page - Texas Instruments AM6548 Datasheet HTML 278Page - Texas Instruments AM6548 Datasheet HTML 279Page - Texas Instruments AM6548 Datasheet HTML 280Page - Texas Instruments AM6548 Datasheet HTML 281Page - Texas Instruments AM6548 Datasheet HTML 282Page - Texas Instruments AM6548 Datasheet HTML 283Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 299 page
background image
279
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Selectable bit rate
•
Configurable carrier frequency
•
1/2, 5/12, 1/3, or 1/4 carrier duty cycle
•
CIR mode when 48 MHz function clock is used
UART Not Supported Features:
•
Synchronous mode
•
ISO7816 mode
For more information, see section Universal Synchronous/Asynchronous Receiver/Transmitter (UART) in
chapter Peripherals of the device TRM.
6.11.26 USB
Similar to earlier versions of USB bus, USB 3.0 is a general-purpose cable bus, supporting data exchange
between a host device and a wide range of simultaneously accessible peripherals.
The device supports two USB subsystems, both instantiated in the MAIN system domain:
•
USB3SS0 is SuperSpeed (SS) USB 3.0 Dual-Role-Device (DRD) subsystem with integrated SS
(USB3.0) PHY and HS/FS (USB2.0) PHY
•
USB3SS1 is HighSpeed (HS) USB 2.0 Dual-Role-Device (DRD) subsystem with integrated HS/FS
(USB2.0) PHY
The USB subsystem, supports the following USB features:
•
General features:
–
Supports Peripheral (aka Device) mode at Superspeed (5 Gbps), Highspeed (480 Mbps), and
Fullspeed (12 Mbps)
–
Supports Host mode at Superspeed (5 Gbps), Highspeed (480 Mbps), Fullspeed (12 Mbps), and
Lowspeed (1.5 Mbps)
–
Static peripheral operation
–
Static host operation
–
Limited OTG 2.0 functionality in conjunction with an VBUS/ID analog comparator detection circuit
and software handshake
–
Host Negotiation Protocol (HNP) support in conjunction with an ID comparator detection circuit and
software handshake
–
Accessory Charger Adapter (ACA) support via ID-pin comparator
–
External Buffer Control (EBC) mode for IN (Tx) Endpoints 14 and 15
•
Each controller instance contains single xHCI with the following features:
–
Compatible to the xHCI specification (revision 1.1) in Host mode
–
Supports 15 Transmit (TX), 15 Receive (RX) endpoints (EPs), and one EP0 endpoint which is
bidirectional
–
Internal DMA controller
–
Interrupt moderation and blocking
–
Supports for all USB transfer modes - Control, Bulk, Interrupt, and Isochronous
–
Supports high bandwidth ISO mode
–
Descriptor caching and data pre-fetching used to improve system performance
–
Dynamic FIFO memory allocation for all endpoints
–
USB power saving states (U0, U1, U2, and U3)
–
Asynchronous wakeup signal for remote wakeup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com