Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 277 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 277 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 273Page - Texas Instruments AM6548 Datasheet HTML 274Page - Texas Instruments AM6548 Datasheet HTML 275Page - Texas Instruments AM6548 Datasheet HTML 276Page - Texas Instruments AM6548 Datasheet HTML 277Page - Texas Instruments AM6548 Datasheet HTML 278Page - Texas Instruments AM6548 Datasheet HTML 279Page - Texas Instruments AM6548 Datasheet HTML 280Page - Texas Instruments AM6548 Datasheet HTML 281Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 299 page
background image
277
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Clock Multiplying Unit (CMU)
–
PLLs
–
Master bias
–
Termination calibration
–
Reference clock input buffers
•
Physical Coding Sub-block (PCS)
–
8b/10b encoder/decoder (PCIe 1 and PCIe 2)
–
128b/130b encoder/decoder (PCIe 3)
–
Symbol alignment
–
Polarity inversion
–
Bit stream reordering
•
Physical Media Attachment (PMA) layer
–
Transmit equalization
–
Receive equalization
The SERDES mux (WIZ) module supports the following features:
•
Multiplexes device interfaces onto a single SERDES lane (one Tx and one Rx)
•
Provides registers to implement SERDES control and status functions and alignment delays
•
Clock generator block for providing MAC transmit clock
•
Rx comma align block
–
Performs de-stuffing the Rx data stream in the event that the Rx rate is different from the Tx rate
–
Supports comma detection that is not sensitive to false commas using all 8B10B character
combinations
For more information, see section Serializer/Deserializer (SerDes) in chapter Peripherals of the device
TRM.
6.11.24 Timers
There are sixteen timer modules in the device.
All timers include specific functions to generate accurate tick interrupts to the operating system.
Each timer can be clocked from the system clock (19.2, 20, or 27 MHz) or the 32-kHz clock. The selection
of clock source is made from registers in the MCU_CTRL_MMR0/CTRL_MMR0.
In the MCU domain the device provides 2 timer pins to be used as MCU Timer Capture inputs or as MCU
Timer PWM outputs. In order to provide maximum flexibility, these 2 pins may be used with any of
MCU_TIMER0 through MCU_TIMER3 instances. System level muxes are used to control the capture
source pin for each MCU_TIMER[3-0] and the MCU_TIMER[3-0] source for each MCU_TIMER_IO[1-0]
PWM output.
In the MAIN domain the device provides 8 timer pins to be used as Timer Capture inputs or as Timer
PWM outputs. For maximum flexibility, these 8 pins may be used with any of TIMER0 through TIMER11
instances. System level muxes are used to control the capture source pin for each TIMER[11-0] and the
TIMER[11-0] source for each TIMER_IO[7-0] PWM output.
Each odd numbered timer instance from each of the domains may be optionally cascaded with the
previous even numbered timer instance from the same domain to form up to a 64-bit timer. For example,
TIMER1 may be cascaded to TIMER0, MCU_TIMER1 may be cascaded to MCU_TIMER0, etc.
When cascaded, TIMERi acts as a 32-bit prescaler to TIMERi+1, as well as MCU_TIMERn acts as a 32-
bit prescaler to MCU_TIMERn+1. TIMERi / MCU_TIMERn must be configured to generate a PWM output
edge at the desired rate to increment the TIMERi+1/ MCU_TIMERn+1 counter.
For more information, see section Timers in chapter Peripherals of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com