Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 276 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548 Datasheet(HTML) 276 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 272Page - Texas Instruments AM6548 Datasheet HTML 273Page - Texas Instruments AM6548 Datasheet HTML 274Page - Texas Instruments AM6548 Datasheet HTML 275Page - Texas Instruments AM6548 Datasheet HTML 276Page - Texas Instruments AM6548 Datasheet HTML 277Page - Texas Instruments AM6548 Datasheet HTML 278Page - Texas Instruments AM6548 Datasheet HTML 279Page - Texas Instruments AM6548 Datasheet HTML 280Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 299 page
background image
276
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
PCIe Advanced Error Reporting
•
PCIe messages for both transmit and receive
•
Filtering for Posted, Non-posted, and Completion traffic
•
Configurable BAR filtering, I/O filtering, configuration filtering, and completion lookup/timeout
•
Access to configuration space registers and external application memory-mapped registers through
BAR0 and through configuration access
•
Legacy interrupts reception (in RC mode) and generation (in EP mode)
•
MSI-X generation and reception
•
Precision Time Measurement in combination with time-stamp (CPTS) module
•
Quality-of-Service (QoS) mechanism by enabling priority or round-robin arbitration on VCs
•
Two host bus master interfaces for high and low priority traffic mapped to four virtual channels
•
PCIe compliant PHY (PIPE 4.0) interface for connection to a SERDES based PHY
The PCIe subsystems do not support the following features:
•
PCIe beacon for in-band wake
•
Vendor Messaging
•
I/O access in inbound direction in RC or EP mode
•
Single-root I/O Virtualization (SR-IOV)
•
Address Translation Services (ATS)
•
Addressing modes other than incremental for burst transactions. As a result, the PCIe addresses
cannot be in cacheable memory space.
For more information, see section Peripheral Component Interconnect Express (PCIe) Subsystem in
chapter Peripherals of the device TRM.
6.11.23 SerDes
SerDes goal is to convert device (SoC) parallel data into serialized data that can be output over a high-
speed electrical interface. In the opposite direction, SerDes converts high-speed serial data into parallel
data that can be processed by the device. To this end, the SerDes contains a variety of functional blocks
to handle both the external analog interface as well as the internal digital logic.
The device contains two SerDeses.
Most important building blocks of SerDes are:
•
Lanes: The lanes handle all inputs and outputs from the serial interface, and contain the Tx/Rx I/Os,
serializer/deserializer, and Clock and Data Recovery (CDR) unit.
•
Clock Multiplier Unit (CMU): The CMU handles peripheral and Tx clocking of the SerDes. It consists of
an internal PLL and the reference clock input buffers.
•
Physical Coding Sub-block (PCS): The PCS is responsible for translating data from/to the parallel
interface, as well as data encoding/decoding and symbol alignment.
•
WIZ: The WIZ acts as a wrapper for the SerDes, and can both send control signals to and report status
signals from the SerDes, and muxes SerDes to peripherals.
The SERDES PHY module features include:
•
Single lane PHY containing:
–
Transmit and Receive I/Os
–
Serializer
–
Deserializer
–
Clock and data recovery (CDR) unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com