Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160G Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 18Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 19Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 20Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 21Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 22Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 23Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 24Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 25Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
20
Am29BDD160G
Burst Access Timing Control
In addition to the IND/WAIT# signal control, burst
controls exist in the Control Register for initial access
delay, delivery of data on the CLK edge, and the
length of time data is held.
Initial Burst Access Delay Control
The Am29BDD160 contains options for initial access
delay of a burst access. The initial access delay has
no effect on asynchronous read operations.
Burst Initial Access Delay is defined as the number of
clock cycles that must elapse from the first valid
clock edge after ADV# assertion (or the rising edge
of ADV#) until the first valid CLK edge when the data
is valid.
The burst access is initiated and the address is
latched on the first rising CLK edge when ADV# is
active or upon a rising ADV# edge, whichever comes
first. (See Table 8 describes the initial access delay
configurations.) If the Clock Configuration bit in the
Control Register is set to falling edge (CR6 = 0), the
definition remains the same for the initial delay set-
ting withe the exception that data is valid after the
falling edge.
Figure 3. Initial Burst Delay Control
Notes:
1. Burst access starts with a rising CLK edge and when ADV# is active.
2. Configurations register 6 is set to 1 (CR6 = 1). Burst starts and data outputs on the rising CLK edge.
3. CR [13-10] = 1 or three clock cycles
4. CR [13-10] = 2 or four clock cycles
5. CR [13-10] = 3 or Five clock cycles
Table 8. Burst Initial Access Delay
CR13
CR12
CR11
CR10
Initial Burst Access
(CLK cycles)
54D, 64C, 65A
0
0
0
0
2
0
0
0
1
3
0
0
1
0
4
0
0
1
1
5
0
1
0
0
6
0
1
0
1
7
0
1
1
0
8
0
1
1
1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com