Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160G Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 7Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 8Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 9Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 10Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 11Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 12Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 13Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 14Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
Am29BDD160G
9
PIN CONFIGURATION
LOGIC SYMBOLS
A–1
=
Least significant address bit for the 16-
bit data bus, and selects between the
high and low word. A –1 is not used for
the 32-bit mode (WORD# = VIH).
A0–A18
=
19-bit address bus for 16 Mb device.
A9 supports 12 V autoselect inputs.
DQ0–DQ31
=
32-bit data inputs/outputs/float
WORD#
=
Selects 16-bit or 32-bit mode. When
WORD# = VIH, data is output on
DQ31–DQ0. When WORD# = VIL, data
is output on DQ15–DQ0.
CE#
=
Chip Enable Input. This signal is
asynchronous relative to CLK for the
burst mode.
OE#
=
Output Enable Input. This signal is
asynchronous relative to CLK for the
burst mode.
WE#
=
Write enable. This signal is
asynchronous relative to CLK for the
burst mode.
VSS
=
Device ground
NC
=
Pin not connected internally
RY/BY#
=
Ready/Busy output and open drain.
When RY/BY# = VIH, the device is
ready to accept read operations and
commands. When RY/BY# = VOL, the
device is either executing an
embedded algorithm or the device is
executing a hardware reset operation.
CLK
=
Clock Input that can be tied to the system
or microprocessor clock provides the
fundamental timing and internal
operating frequency.
ADV#
=
Load Burst Address input. Indicates that
the valid address is present on the
address inputs.
IND#
=
End of burst indicator for finite bursts
only. IND is low when the last word in the
burst sequence is at the data outputs.
WAIT#
=
Provides data valid feedback only when
the burst length is set to continuous.
WP#
=
Write Protect input. When WP# = VOL,
the two outermost boot block sector in
the 75% bank are write protected
regardless of other sector protection
configurations.
ACC
=
Acceleration input. When taken to 12 V,
program and erase operations are
accelerated. When not used for
acceleration, ACC = VSS to VCC.
VIO (VCCQ) =
Output Buffer Power Supply (1.65 V to
2.75 V)
VCC
=
Chip Power Supply (2.5 V to 2.75 V)
RESET#
=
Hardware reset input
X16 Mode
X32 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com