Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160G Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 45Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 46Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 47Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 48Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 49Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 50Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 51Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 52Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
Am29BDD160G
47
Legend:
BA = Address of the bank that is being switched to autose-
lect mode, is in bypass mode, or is being erased. Deter-
mined by A18 and A17, see Tables 11 and 12 for more
detail.
PA = Program Address (A18:A-1). Addresses latch on the
falling edge of the WE# or CE# pulse, whichever hap-
pens later.
PD = Program Data (DQ15:DQ0) written to location PA.
Data latches on the rising edge of WE# or CE# pulse,
whichever happens first.
RA = Read Address (A18:A-1).
RD = Read Data (DQ15:DQ0) from location RA.
SA = Sector Address (A18:A11) for verifying (in autoselect
mode), erasing, or applying security commands
WD = Write Data. See “Configuration Register” definition for
specific write data. Data latched on rising edge of WE#.
X = Don’t care
Note:
1. See Table 1 for description of bus operations.
2. All values are in hexadecimal.
3. Shaded cells in table denote read cycles. All other cycles
are write operations.
4. During unlock cycles, (lower address bits are AAA or
555h as shown in table) address bits higher than A11
Table 21. Memory Array Command Definitions (x16 Mode)
Command (Notes)
Cycles
Bus Cycles (Notes 1–4)
First
Second
Third
Fourth
Fifth
Sixth
Addr Data Addr Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (5)
1
RA
RD
Reset (6)
1
XXX
F0
Autoselec
t (7)
Manufactur
er ID
4
AAA
AA
555
55
AAA
90
(BA)X0
0
01
Device ID
(11)
6
AAA
AA
555
55
AAA
90
(BA)X0
2
7E
(BA)X1C
08
(BA)X1E
00/
01
Program
4
AAA
AA
555
55
AAA
A0
PA
PD
Chip Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
555
10
Sector Erase
6
AAA
AA
555
55
AAA
80
AAA
AA
555
55
SA
30
Program/Erase
Suspend (12)
1
BA
B0
Program/Erase Resume
(13)
1
BA
30
CFI Query (14, 15)
1
AA
98
Accelerated Program
(16)
2
XX
A0
PA
PD
Configuration Register
Verify (15)
3
AAA
AA
555
55
(BA)55
5
C6
(BA)XX
RD
Configuration Register
Write (17)
4
AAA
AA
555
55
AAA
D0
XX
WD
Unlock Bypass Entry
(18)
3
AAA
AA
555
55
AAA
20
Unlock Bypass Program
(18)
2
XX
A0
PA
PD
Unlock Bypass Erase
(18)
2
XX
80
XX
10
Unlock Bypass CFI (14,
18)
1
XX
98
Unlock Bypass Reset
(18)
2
XX
90
XX
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com