Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160G Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 35Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 36Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 37Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 38Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 39Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 40Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 41Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 42Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Am29BDD160G
37
Automatic sector erase operations begin on the ris-
ing edge of the WE# or CE# pulse of the last sector
erase command issued, and once the 80 µs time-out
window has expired. The status of the sector erase
operation is determined three ways:
■
Data# polling of the DQ7 pin
■
Checking the status of the toggle bit DQ6
■
Checking the status of the RY/BY# pin
Further status of device activity during the sector
erase operation is determined using toggle bit DQ2
(refer to DQ2: Toggle Bit II).
When the Embedded Erase algorithm is complete,
the device returns to reading array data, and ad-
dresses are no longer latched. Note that an address
change is required to begin read valid array data.
Figure 5 illustrates the Embedded™ Erase Algorithm,
using a typical command sequence and bus opera-
tion. Refer to the Erase/Program Operations tables in
the AC Characteristics section for parameters, and to
Figure 22 for timing diagrams.
Note:
1. See Tables 18 and 20 for erase command sequence.
2. See DQ3: Sector Erase Timer for more information.
Figure 5. Erase Operation
Sector Erase and Program Suspend
Command
The Sector Erase and Program Suspend command
allows the user to interrupt a Sector Erase or Pro-
gram operation and perform data read or programs
in a sector that is not being erased or to the sector
where a programming operation was initiated. This
command is applicable only during the Sector Erase
and Programming operation, which includes the
time-out period for Sector Erase.
Sector Erase and Program Suspend
Operation Mechanics
■
A successful erase pulse has a duration or 1.2 ms
± 20%, depending on the number of previous
erase cycles (among other factors).
■
A successful sector erase operation requires 300
successful erase pulses.
■
An internal counter monitors the number of erase
pulses initiated and has a maximum value of
5980.
The counter is incremented by one every time an
erase pulse is initiated, regardless of whether or not
that erase pulse is successful. An erase pulse is ter-
minated immediately when the suspend command is
executed. A new erase pulse is initiated when the re-
sume command is executed (and the counter is
incremented).
Given that 300 successful erase pulses are required,
a successful sector erase operation shall have a
maximum of 5680 erase suspends.
The Sector Erase and Program Suspend command is
ignored if written during the execution of the Chip
Erase operation or Embedded Program Algorithm
(but will reset the chip if written improperly during
the command sequences). Writing the Sector Erase
and Program command during the Sector Erase
time-out results in immediate termination of the
time-out period and suspension of the erase opera-
tion. Once in Erase Suspend, the device is available
for reading (note that in the Erase Suspend mode,
the Reset command is not required for read opera-
tions and is ignored) or program operations in
sectors not being erased. Any other command writ-
ten during the Erase Suspend mode is ignored,
except for the Sector Erase and Program Resume
command. Writing the Erase and Program Resume
command resumes the sector erase operation. The
bank address of the erase suspended bank is re-
quired when writing this command
If the Sector Erase and Program Suspend command
is written during a programming operation, the de-
vice suspends programming operations and allows
only read operations in sectors not selected for pro-
gramming. Further nesting of either erase or
programming operations is not permitted. Table 18
summarizes permissible operations during Erase and
Program Suspend. (A busy sector is one that is se-
lected for programming or erasure.):
Embedded
Erase
algorithm in
progress
Table 18. Allowed Operations During
Erase/Program Suspend
Sector
Program Suspend
Erase Suspend
Busy Sector
Program Resume
Erase Resume
Non-busy
sectors
Read Only
Read or Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com