Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160G Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM29BDD160G
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 48Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 49Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 50Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 51Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 52Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 53Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 54Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 55Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
50
Am29BDD160G
RD(0) = Read Data DQ0 protection indicator bit. If pro-
tected, DQ0 = 1, if unprotected, DQ0 = 0.
RD(1) = Read Data DQ1 protection indicator bit. If pro-
tected, DQ1 = 1, if unprotected, DQ1 = 0.
SA = Sector Address where security command applies. Ad-
dress bits A18:A11 uniquely select any sector.
SL = Persistent Protection Mode Lock Address (A5–A0) is
(010X10)
WP = PPB Address (A5–A0) is (111X10)
X = Don’t care
PPMLB = Password Protection Mode Locking Bit
SPMLB = Persistent Protection Mode Locking Bit
1. 1. See Table 1 for description of bus operations.
2. 2.All values are in hexadecimal.
3. 3.Shaded cells in table denote read cycles. All other
cycles are writer operations.
4. During unlock cycles, (lower address bits are AAA or
555h as shown in the table) address bits higher that A11
(except where BA is required) and data bits higher than
DQ7 are dont’s cares.
5. The reset command returns the device to reading the
array.
6. The fourth cycle programs the addressed locking bit. The
fifth and sixth cycles are used to validate whether the bit
is fully programmed. If DQ0 (in the sixth cycle) reads 0,
the program command must be issued and verified
again.
7. Data is latched on the rising edge of WE#.
8. The entire four bus-cycle sequence must be entered for
each portion of the password. PWA (0-3) represent the
four addresses over which the password is stored. PWD
(0-3) represent the four word data that comprise the
password.
9. The fourth cycle erases all PPBs. The fifth and sixth
cycles are used to validate whether the bits are fully
erased. If DQ0 (in the sixed cycle) reads 1, the erase
command must be issued and verified again.
10. Before issuing the erase command, all PPBs should be
programmed in order to prevent over-erasure of PPBs.
11. In the fourth cycle, 00h indicates PPB set; 01h indicates:
PPB not set.
12. The status of additional PPBs and DYBs may be read
(following the fourth cycle) without reissuing the entire
command sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com