Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F004B Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM29F004B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F004B Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM29F004B Datasheet HTML 15Page - Advanced Micro Devices AM29F004B Datasheet HTML 16Page - Advanced Micro Devices AM29F004B Datasheet HTML 17Page - Advanced Micro Devices AM29F004B Datasheet HTML 18Page - Advanced Micro Devices AM29F004B Datasheet HTML 19Page - Advanced Micro Devices AM29F004B Datasheet HTML 20Page - Advanced Micro Devices AM29F004B Datasheet HTML 21Page - Advanced Micro Devices AM29F004B Datasheet HTML 22Page - Advanced Micro Devices AM29F004B Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
8/5/05
Am29F004B
17
AD VA NC E
IN FO RM AT ION
WRITE OPERATION STATUS
The device provides several bits to determine the status of a
write operation: DQ2, DQ3, DQ5, DQ6, and DQ7. Table 6 on
page 19 and the following subsections describe the functions
of these bits. DQ7 and DQ6 each offer a method for deter-
mining whether a program or erase operation is complete or
in progress. These three bits are discussed first.
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system
whether an Embedded Algorithm is in progress or completed,
or whether the device is in Erase Suspend. Data# Polling is
valid after the rising edge of the final WE# pulse in the
program or erase command sequence.
During the Embedded Program algorithm, the device outputs
on DQ7 the complement of the datum programmed to DQ7.
This DQ7 status also applies to programming during Erase
Suspend. When the Embedded Program algorithm is com-
plete, the device outputs the datum programmed to DQ7. The
system must provide the program address to read valid status
information on DQ7. If a program address falls within a pro-
tected sec t or, Data# Po lling on DQ7 is active fo r
approximately 2 µs, then the device returns to reading array
data.
During the Embedded Erase algorithm, Data# Polling pro-
duces a “0” on DQ7. When the Embedded Erase algorithm is
complete, or if the device enters the Erase Suspend mode,
Data# Polling produces a “1” on DQ7. This is analogous to
the complement/true datum output described for the
Embedded Program algorithm: the erase function changes
all the bits in a sector to “1”; prior to this, the device outputs
the “complement,” or “0.” The system must provide an
address within any of the sectors selected for erasure to read
valid status information on DQ7.
After an erase command sequence is written, if all sectors
selected for erasing are protected, Data# Polling on DQ7 is
active for approximately 100 µs, then the device returns to
reading array data. If not all selected sectors are protected,
the Embedded Erase algorithm erases the unprotected sec-
tors, and ignores the selected sectors that are protected.
When the system detects DQ7 changes from the comple-
ment to true data, it can read valid data at DQ7–DQ0 on the
following read cycles. This is because DQ7 may change
asynchronously with DQ0–DQ6 while Output Enable (OE#) is
asserted low. The Data# Polling Timings (During Embedded
Algorithms) figure in the AC Characteristics on page 24
section illustrates this.
Table 6 on page 19 shows the outputs for Data# Polling on
DQ7. Figure 5, on page 17 shows the Data# Polling
algorithm.
Notes:
1.
VA = Valid address for programming. During a sector erase
operation, a valid address is an address within any sector
selected for erasure. During chip erase, a valid address is any
non-protected sector address.
2.
DQ7 should be rechecked even if DQ5 = “1” because DQ7 may
change simultaneously with DQ5.
Figure 5.
Data# Polling Algorithm
DQ7 = Data?
Yes
No
No
DQ5 = 1?
No
Yes
Yes
FAIL
PASS
Read DQ7–DQ0
Addr = VA
Read DQ7–DQ0
Addr = VA
DQ7 = Data?
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com