Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F004B Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29F004B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F004B Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29F004B Datasheet HTML 12Page - Advanced Micro Devices AM29F004B Datasheet HTML 13Page - Advanced Micro Devices AM29F004B Datasheet HTML 14Page - Advanced Micro Devices AM29F004B Datasheet HTML 15Page - Advanced Micro Devices AM29F004B Datasheet HTML 16Page - Advanced Micro Devices AM29F004B Datasheet HTML 17Page - Advanced Micro Devices AM29F004B Datasheet HTML 18Page - Advanced Micro Devices AM29F004B Datasheet HTML 19Page - Advanced Micro Devices AM29F004B Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
14
Am29F004B
8/5/05
AD VA NC E
IN FO RM AT ION
cycles, followed by the program set-up command. The
program address and data are written next, which in turn ini-
tiate the Embedded Program algorithm. The system is not
required to provide further controls or timings. The device
automatically provides internally generated program pulses
and verify the programmed cell margin. (Note that if the
device is in the temporary sector unprotect mode, the byte
program command sequence only requires two cycles.) The
Command Definitions table shows the address and data
requirements for the byte program command sequence.
When the Embedded Program algorithm is complete, the
device then returns to reading array data and addresses are
no longer latched. The system can determine the status of
the program operation by using DQ7 or DQ6. See Write
Operation Status on page 17 for information on these status
bits.
Any commands written to the device during the Embedded
Program Algorithm are ignored. The Sector Erase command
sequence should be reinitiated once the device returns to
reading array data, to ensure data integrity.
Programming is allowed in any sequence and across sector
boundaries. A bit cannot be programmed from a 0 back to
a 1. Attempting to do so may halt the operation and set DQ5
to 1, or cause the Data# Polling algorithm to indicate the oper-
ation was successful. However, a succeeding read shows
that the data is still 0. Only erase operations can convert a 0
to a 1”.
Note: See the appropriate Command Definitions table for program
command sequence.
Figure 3.
Program Operation
Chip Erase Command Sequence
Chip erase is a six-bus-cycle operation. The chip erase
command sequence is initiated by writing two unlock cycles,
followed by a set-up command. Two additional unlock write
cycles are then followed by the chip erase command, which
in turn invokes the Embedded Erase algorithm. The device
does not require the system to preprogram prior to erase. The
Embedded Erase algorithm automatically preprograms and
verifies the entire memory for an all zero data pattern prior to
electrical erase. The system is not required to provide any
controls or timings during these operations. (Note that if the
device is in the temporary sector unprotect mode, the chip
erase command sequence only requires four cycles.) The
Command Definitions table shows the address and data
requirements for the chip erase command sequence.
Any commands written to the chip during the Embedded
Erase algorithm are ignored. The Sector Erase command
sequence should be reinitiated once the device returns to
reading array data, to ensure data integrity.
The system can determine the status of the erase operation
by using DQ7, DQ6, or DQ2. See Write Operation Status on
page 17 for information on these status bits. When the
Embedded Erase algorithm is complete, the device returns to
reading array data and addresses are no longer latched.
Figure 4, on page 15 illustrates the algorithm for the erase
operation. See the Erase/Program Operations on page 25
for parameters, and to Figure 12, on page 26 for timing
waveforms.
Sector Erase Command Sequence
Sector erase is a six-bus-cycle operation. The sector erase
command sequence is initiated by writing two unlock cycles,
followed by a set-up command. Two additional unlock write
cycles are then followed by the address of the sector to be
erased, and the sector erase command. (Note that if the
device is in the temporary sector unprotect mode, the sector
erase command sequence only requires four cycles.) The
Command Definitions table shows the address and data
requirements for the sector erase command sequence.
The device does not require the system to preprogram the
memory prior to erase. The Embedded Erase algorithm auto-
matically programs and verifies the sector for an all zero data
pattern prior to electrical erase. The system is not required to
provide any controls or timings during these operations.
After the command sequence is written, a sector erase time-
out of 50 µs begins. During the time-out period, additional
sector addresses and sector erase commands may be
written. Loading the sector erase buffer may be done in any
sequence, and the number of sectors may be from one sector
to all sectors. The time between these additional cycles must
be less than 50 µs, otherwise the last address and command
might not be accepted, and erasure may begin. It is recom-
mended that processor interrupts be disabled during this time
to ensure all commands are accepted. The interrupts can be
re-enabled after the last Sector Erase command is written. If
the time between additional sector erase commands can be
assumed to be less than 50 µs, the system need not monitor
DQ3. Any command other than Sector Erase or Erase
Suspend during the time-out period resets the device to
reading array data. The system must rewrite the command
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com