Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F004B Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29F004B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F004B Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29F004B Datasheet HTML 10Page - Advanced Micro Devices AM29F004B Datasheet HTML 11Page - Advanced Micro Devices AM29F004B Datasheet HTML 12Page - Advanced Micro Devices AM29F004B Datasheet HTML 13Page - Advanced Micro Devices AM29F004B Datasheet HTML 14Page - Advanced Micro Devices AM29F004B Datasheet HTML 15Page - Advanced Micro Devices AM29F004B Datasheet HTML 16Page - Advanced Micro Devices AM29F004B Datasheet HTML 17Page - Advanced Micro Devices AM29F004B Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
12
Am29F004B
8/5/05
AD VA NC E
IN FO RM AT ION
Temporary Sector Unprotect
This feature allows temporary unprotection of previously pro-
tected sectors to change data in-system. The Sector
Unprotect mode is activated by setting the OE# pin to 12.0
Volts (VID). Figure 2 shows the algorithm, and Figure 16, on
page 28 and Figure 17, on page 28 show the timing dia-
grams, for this feature. While OE# is at VID, the sector unlock
sequence is written to the device. After the sector unlock
sequence is written, the OE# pin is taken back to VIH. The
device is now in the temporary sector unprotect mode.
While in this mode, formerly protected sectors can be pro-
grammed or erased by selecting the appropriate sector
address during programming or erase operations. Either
sector erase or chip erase operations can be performed in
this mode. Byte program operations require only two cycles,
while sector and chip erase operations only require four
cycles. Refer to the Command Definitions table.
Exiting the temporary sector unprotect mode is accomplished
by either removing VCC from the device or by taking OE#
back to VID and writing the sector relock sequence.
After writing the sector relock sequence, the OE# pin is taken
back to VIH and all previously protected sectors are protected
again.
Figure 2.
Temporary Sector Unprotect Operation
Write the three-cycle
Unlock sequence with com-
mand 20h (Figure 16)
Perform Erase or
Program Operations
OE# = VIH
Temporary Sector
Unprotect
Completed (Note 2)
OE# = VIH (Note 1)
Notes:
1.
All protected sectors unprotected.
2.
All previously protected sectors are protected once again.
START
OE# = VID
OE# = VID
Write the two-cycle
Sector Relock sequence (Fig-
ure 17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com