Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F004B Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29F004B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F004B Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29F004B Datasheet HTML 1Page - Advanced Micro Devices AM29F004B Datasheet HTML 2Page - Advanced Micro Devices AM29F004B Datasheet HTML 3Page - Advanced Micro Devices AM29F004B Datasheet HTML 4Page - Advanced Micro Devices AM29F004B Datasheet HTML 5Page - Advanced Micro Devices AM29F004B Datasheet HTML 6Page - Advanced Micro Devices AM29F004B Datasheet HTML 7Page - Advanced Micro Devices AM29F004B Datasheet HTML 8Page - Advanced Micro Devices AM29F004B Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Publication# 22286
Rev: E Amendment/2
Issue Date: July 29, 2005
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice. 8/5/05This document contains information on a product under development at Advanced
Micro Devices. The information is intended to help you evaluate this product. AMD reserves the right to change or
Am29F004B
4 Megabit (512 K x 8-Bit)
CMOS 5.0 Volt-only Boot Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
5.0 Volt single power supply operation
— Minimizes system-level power requirements
High performance
— Access times as fast as 70 ns
Manufactured on 0.32 µm process technology
Ultra low power consumption (typical values at
5 MHz)
— 20 mA typical active read current
— 30 mA typical program/erase current
— 1 µA typical standby mode current
Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
seven 64 Kbyte sectors
— Supports full chip erase
— Sector Protection features:
A hardware method of locking a sector to
prevent any program or erase operations within
that sector
Sectors can be locked in-system or via
programming equipment
Temporary Sector Unprotect feature allows code
changes in previously locked sectors
Top or bottom boot block configurations available
Minimum 1,000,000 write cycle guarantee per
sector
Package option
— 32-pin PLCC
Compatible with JEDEC standards
— Pinout and software compatible with single-
power supply Flash
— Superior inadvertent write protection
Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
Data# Polling and toggle bits
— Provides a software method of detecting
program or erase operation completion
20-year data retention at 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com