Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F004B Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29F004B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F004B Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29F004B Datasheet HTML 8Page - Advanced Micro Devices AM29F004B Datasheet HTML 9Page - Advanced Micro Devices AM29F004B Datasheet HTML 10Page - Advanced Micro Devices AM29F004B Datasheet HTML 11Page - Advanced Micro Devices AM29F004B Datasheet HTML 12Page - Advanced Micro Devices AM29F004B Datasheet HTML 13Page - Advanced Micro Devices AM29F004B Datasheet HTML 14Page - Advanced Micro Devices AM29F004B Datasheet HTML 15Page - Advanced Micro Devices AM29F004B Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
10
Am29F004B
8/5/05
AD VA NC E
IN FO RM AT ION
Autoselect Mode
The autoselect mode provides manufacturer and device iden-
tification, and sector protection verification, through identifier
codes output on DQ7–DQ0. This mode is primarily intended
for programming equipment to automatically match a device
to be programmed with its corresponding programming algo-
rithm. However, the autoselect codes can also be accessed
in-system through the command register.
When using programming equipment, the autoselect mode
requires VID on address pin A9. Address pins A6, A1, and A0
must be as shown in Autoselect Codes (High Voltage
Method) table. In addition, when verifying sector protection,
the sector address must appear on the appropriate highest
order address bits. Refer to the corresponding Sector
Address Tables. The Command Definitions table shows the
remaining address bits that are don’t care. When all neces-
sary bits are set as required, the programming equipment
may then read the corresponding identifier code on DQ7–
DQ0.
To access the autoselect codes in-system, the host system
can issue the autoselect command via the command register,
as shown in the Command Definitions table. This method
does not require VID. See Command Definitions on page 13
for details on using the autoselect mode.
Table 4.
Am29F004B Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hardware
sector unprotection feature re-enables both program and
erase operations in previously protected sectors.
The primary method requires VID on the OE# pin only, and
can be implemented either in-system or via programming
equipment. Figure 1, on page 11 and 2 show the algorithms
and Figure 16, on page 28, Figure 17, on page 28, and Figure
18, on page 29 show the timing diagrams. This method uses
standard microprocessor bus cycle timing in addition to the
sector unlock and sector relock sequences. For sector unpro-
tect, all unprotected sectors must first be protected prior to
the first sector unprotect write cycle.
The alternate method intended only for programming equip-
ment required VID on address pin A9 and OE#. This method
is compatible with programmer routines written for earlier 5.0
volt-only AMD Flash devices. Publication number 22289 con-
tains further details; contact an AMD representative to
request a copy.
The device is shipped with all sectors unprotected. AMD
offers the option of programming and protecting sectors at its
factory prior to shipping the device through AMD’s Express-
Flash™ Service. Contact an AMD representative for details.
It is possible to determine whether a sector is protected or
unprotected. See Autoselect Mode on page 10 for details.
Description
CE#
OE#
WE#
A18
to
A13
A12
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
X
L
X
L
L
01h
Device ID:
Am29F004B (Top Boot Block)
L
L
H
X
X
VID
X
L
X
L
H
77h
L
L
H
Device ID:
Am29F004B (Bottom Boot Block)
L
L
H
X
X
VID
X
L
X
L
H
7Bh
L
L
H
Sector Protection Verification
L
L
H
SA
X
VID
X
L
X
H
L
01h (protected)
00h
(unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com