Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB600W Datasheet(PDF) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # SMB600W
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

SMB600W Datasheet(HTML) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

  SMB600W Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 5Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
/5
SMB 600W Series
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Version: A2 2016-05-27
Transient Voltage Suppressor
Parameters
Definition
VF
Forward Voltage drop for UNI-directional
VC
Clamping Voltage
Ipp
Surge Waveform 10/1000μs
VR
Stand-off Voltage
VBR
Breakdown Voltage
IR
Reverse Leakage Current
It
Test Current
Ppp
Peak Pulse Power Dissipation
V-I Curve
Testing Items
Technical Standards
High Temperature Reverse Bias Test
Temperature: 150±3℃, Bias=80%VDRM
Time:96H
High Temperature Life Test
Temperature: 150℃
Time:168H
High-low Temperature Cycle Test
Temperature: From -40℃ to125℃
Dwell time: 30min, 10-100 cycles
High Temperature &High Humidity Test
Temperature: 85℃Humidity:85%
Test time:168H
Pressure Cooker Test
Temperature: 121℃, 2atm. Humidity:100%
Test time: 24H to 168H
Resistance of Soldering Heat
Temperature: 260±5℃
Time of dip soldering: 10s, 3times
Note: The above testing items can be specified by customers by contacting Bencent service
symbol
Parameter
Value
Unit
TJ
Operating Junction Temperature Range
-55 to +150
℃
TS
Storage Temperature Range
-55 to +150
℃
VR
V
BR
V
C
I
R
I
t
I
R
V
R
V
BR
V
C
It
I
PP
I
PP
V
BI- directional
UNI-directional
Thermal Considerations
Environmental Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com