Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB600W Datasheet(PDF) 5 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # SMB600W
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

SMB600W Datasheet(HTML) 5 Page - Shenzhen Bencent Electronics Co., Ltd.

  SMB600W Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 5Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
/5
SMB 600W Series
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Version: A2 2016-05-27
Transient Voltage Suppressor
REF
mm
inch
A
3.8+/-0.3
0.150+/-0.012
B
5.5+/-0.3
0.217+/-0.012
d
1.5+/-0.1
0.059+/-0.004
D
330+/-1
13+/-0.039
D1
72+/-3
2.835+/-0.118
D2
13+/-0.3
0.512+/-0.012
E
1.75+/-0.2
0.069+/-0.008
F
5.5+/-0.02
0.217+/-0.008
P
8.0+/-0.2
0.315+/-0.008
P0
4.0+/-0.2
0.157+/-0.008
P1
2.0+/-0.2
0.079+/-0.008
W
12.0+/-0.2
0.472+/-0.008
W1
18+/-2.0
0.709+/-0.079
Outline
Reel
(pcs)
Per Carton
(pcs)
Reel Diameters
(mm)
Carton Size(mm)
L
W
H
Taping
3,000
24,000
330
360
360
380
Package
Reel
Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com