Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB600W Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # SMB600W
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

SMB600W Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  SMB600W Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 5Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
/5
SMB 600W Series
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Version: A2 2016-05-27
Transient Voltage Suppressor
 
 
 
Part Number
Marking
Reverse
Stand off
Voltage
VR(V)
VBR
min.
(V)
VBR
max.
(V)
It
(mA)
Max
Clampin
g
Voltage
Vc@IPP○
1
(V)
Max Peak
Pulse
Current
IPP○
1
(A)
Max Reverse
Leakage
IR@VR
uA
BI
UNI
BI
UNI
BV-SMBJ15CA
BV-SMBJ15A
B15C
B15
15
16.7
18.5
1
24.4
24.6
1
BV-SMBJ16CA
BV-SMBJ16A
B16C
B16
16
17.8
19.7
1
26
23.1
1
BV-SMBJ17CA
BV-SMBJ17A
B17C
B17
17
18.9
20.9
1
27.6
21.8
1
BV-SMBJ18CA
BV-SMBJ18A
B18C
B18
18
20
22.1
1
29.2
20.6
1
BV-SMBJ20CA
BV-SMBJ20A
B20C
B20
20
22.2
24.5
1
32.4
18.6
1
BV-SMBJ22CA
BV-SMBJ22A
B22C
B22
22
24.4
26.9
1
35.5
16.9
1
BV-SMBJ24CA
BV-SMBJ24A
B24C
B24
24
26.7
29.5
1
38.9
15.5
1
BV-SMBJ26CA
BV-SMBJ26A
B26C
B26
26
28.9
31.9
1
42.1
14.3
1
BV-SMBJ28CA
BV-SMBJ28A
B28C
B28
28
31.1
34.4
1
45.4
13.3
1
BV-SMBJ30CA
BV-SMBJ30A
B30C
B30
30
33.3
36.8
1
48.4
12.4
1
BV-SMBJ33CA
BV-SMBJ33A
B33C
B33
33
36.7
40.6
1
53.3
11.3
1
BV-SMBJ36CA
BV-SMBJ36A
B36C
B36
36
40
44.2
1
58.1
10.4
1
BV-SMBJ40CA
BV-SMBJ40A
B40C
B40
40
44.4
49.1
1
64.5
9.3
1
BV-SMBJ43CA
BV-SMBJ43A
B43C
B43
43
47.8
52.8
1
69.4
8.7
1
BV-SMBJ45CA
BV-SMBJ45A
B45C
B45
45
50
55.3
1
72.7
8.3
1
BV-SMBJ48CA
BV-SMBJ48A
B48C
B48
48
53.3
58.9
1
77.4
7.8
1
BV-SMBJ51CA
BV-SMBJ51A
B51C
B51
51
56.7
62.7
1
82.4
7.3
1
BV-SMBJ54CA
BV-SMBJ54A
B54C
B54
54
60
66.3
1
87.1
6.9
1
BV-SMBJ58CA
BV-SMBJ58A
B58C
B58
58
64.4
71.2
1
93.6
6.5
1
BV-SMBJ60CA
BV-SMBJ60A
B60C
B60
60
66.7
73.7
1
96.8
6.2
1
BV-SMBJ64CA
BV-SMBJ64A
B64C
B64
64
71.1
78.6
1
103
5.9
1
BV-SMBJ70CA
BV-SMBJ70A
B70C
B70
70
77.8
86
1
113
5.3
1
BV-SMBJ75CA
BV-SMBJ75A
B75C
B75
75
83.3
92.1
1
121
5
1
BV-SMBJ78CA
BV-SMBJ78A
B78C
B78
78
86.7
95.8
1
126
4.8
1
BV-SMBJ85CA
BV-SMBJ85A
B85C
B85
85
94.4
104
1
137
4.4
1
BV-SMBJ90CA
BV-SMBJ90A
B90C
B90
90
100
111
1
146
4.1
1
BV-SMBJ100CA
BV-SMBJ100A
B100C
B100
100
111
123
1
162
3.7
1
BV-SMBJ110CA
BV-SMBJ110A
B110C
B110
110
122
135
1
177
3.4
1
 
Mark
BI: BXXC
Note:
Absolute maximum ratings measured at T= 25ºC RH = 45%-75% (unless otherwise noted).
○
1
Surge Waveform: 10/1000
S
μ
BXX
UNI: BXX
BXXC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com