Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB600W Datasheet(PDF) 4 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # SMB600W
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

SMB600W Datasheet(HTML) 4 Page - Shenzhen Bencent Electronics Co., Ltd.

  SMB600W Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 5Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
/5
SMB 600W Series
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Version: A2 2016-05-27
Transient Voltage Suppressor
Reflow Condition
Pb-Free Assembly
Pre Heat
Temperature Min.
+150°C
Temperature Max.
+200°C
Time(Min to Max)
60 – 180 secs.
Average ramp up rate(Liquidus
Temp(TL) to peak)
3°C/sec. Max.
TS(max) to TL - Ramp-up Rate
3°C/sec. Max.
Reflow
- Temperature (TL)
(Liquidus)
+217°C
- Temperature (TL)
60 – 150 secs.
Peak Temp (TP)
+(260+0/-5 )°C
Time within 5°C of actual Peak Temp
(TP)
30 secs.
Ramp-down Rate
6°C/sec. Max.
Time 25°C to peak Temp (TP)
8 min. Max.
Do not exceed
+260°C
REF.
mm
inch
A
1.85--2.15
0.073--0.085
B
3.45--3.75
0.138--0.148
C
4.35--4.65
0.171--0.183
D
2.10--2.60
0.083--0.102
E
0.15--0.25
0.006--0.010
F
0.80--1.50
0.031--0.059
G
0.00--0.40
0.000--0.016
H
4.95--5.45
0.195--0.215
REF
mm
inch
A
5.45
0.215
B
2.45
0.097
C
2.15
0.085
Reflow Profile
Product Dimensions
Recommended Soldering Pad
TP
TL
TS(max)
25
time to peak temperature
Time
Critical Zone
TL to TP
TL
TP
Ramp-up
TS(min)
TS
Preheat
Ramp-down
TL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com