Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB600W Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # SMB600W
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

SMB600W Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  SMB600W Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd. SMB600W Datasheet HTML 5Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
/5
SMB 600W Series
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Version: A2 2016-05-27
Transient Voltage Suppressor
DC Port
RS485/232/422
I/O Port
`
Icon
Description
Compliance with 2011/65/EU
Compliance with IEC61249-2-21:2003
Part Number
Marking
Reverse
Stand off
Voltage
VR(V)
VBR
min.
(V)
VBR
max.
(V)
It
(mA)
Max
Clamping
Voltage
Vc@IPP○
1
(V)
Max Peak
Pulse
Current
IPP○
1
(A)
Max Reverse
Leakage
IR@VR
uA
BI
UNI
BI
UNI
BV-SMBJ5CA
BV-SMBJ5A
B5C
B5
5
6.4
7
10
9.2
65.3
800
BV-SMBJ6CA
BV-SMBJ6A
B6C
B6
6
6.67
7.37
10
10.3
58.3
800
BV-SMBJ6.5CA
BV-SMBJ6.5A
B6.5C
B6.5
6.5
7.22
7.98
10
11.2
53.6
500
BV-SMBJ7CA
BV-SMBJ7A
B7C
B7
7
7.78
8.6
10
12
50
200
BV-SMBJ7.5CA
BV-SMBJ7.5A
B7.5C
B7.5
7.5
8.33
9.21
1
12.9
46.6
100
BV-SMBJ8CA
BV-SMBJ8A
B8C
B8
8
8.89
9.83
1
13.6
44.2
50
BV-SMBJ8.5CA
BV-SMBJ8.5A
B8.5C
B8.5
8.5
9.44
10.4
1
14.4
41.7
20
BV-SMBJ9CA
BV-SMBJ9A
B9C
B9
9
10
11.1
1
15.4
39
10
BV-SMBJ10CA
BV-SMBJ10A
B10C
B10
10
11.1
12.3
1
17
35.3
5
BV-SMBJ11CA
BV-SMBJ11A
B11C
B11
11
12.2
13.5
1
18.2
33
1
BV-SMBJ12CA
BV-SMBJ12A
B12C
B12
12
13.3
14.7
1
19.9
30.2
1
BV-SMBJ13CA
BV-SMBJ13A
B13C
B13
13
14.4
15.9
1
21.5
28
1
BV-SMBJ14CA
BV-SMBJ14A
B14C
B14
14
15.6
17.2
1
23.2
25.9
1
IEC 61000-4-2(ESD)
±15KV(air), ±8KV(contact)
600Watts peak pulse power (tp=10/1000
S)
μ
Low clamping voltage
Moisture sensitivity level: level 1
Part Numbering and Electrical Parameter
Application Information
Features
Exterior
SMB
Schematic Symbol
Agency Approvals
BI-directional
cathode
anode
UNI-directional


Similar Part No. - SMB600W

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SMB600 SYSTEMSENSOR-SMB600 Datasheet
492Kb / 2P
Intelligent Low Profile Plug-in Detectors
SMB600 SYSTEMSENSOR-SMB600 Datasheet
123Kb / 4P
500 Series Intelligent Sensors with Integral Communications
SMB600 SYSTEMSENSOR-SMB600 Datasheet
198Kb / 2P
200 Series Intelligent Low-Profile Plug-In Detectors
logo
Shanghai Leiditech Elec...
SMB600 LEIDITECH-SMB600 Datasheet
106Kb / 1P
Ceramic Gas Discharge Tube
More results

Similar Description - SMB600W

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com