Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5693 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5693
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5693 Datasheet HTML 9Page - Analog Devices AD5693 Datasheet HTML 10Page - Analog Devices AD5693 Datasheet HTML 11Page - Analog Devices AD5693 Datasheet HTML 12Page - Analog Devices AD5693 Datasheet HTML 13Page - Analog Devices AD5693 Datasheet HTML 14Page - Analog Devices AD5693 Datasheet HTML 15Page - Analog Devices AD5693 Datasheet HTML 16Page - Analog Devices AD5693 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
AD5693R/AD5692R/AD5691R/AD5693
Rev. D | Page 13 of 26
1.2
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
–20
0
20
40
60
80
105
TEMPERATURE (°C)
U1_DNL_INT_REF
U3_DNL_INT_REF
U2_DNL_EXT_REF
U1_INL_INT_REF
U3_INL_INT_REF
U2_INL_EXT_REF
U2_DNL_INT_REF
U1_DNL_EXT_REF
U3_DNL_EXT_REF
U2_INL_INT_REF
U1_INL_EXT_REF
U3_INL_EXT_REF
VDD = 5V
VREF = 2.5V
Figure 15. INL and DNL Error vs. Temperature (AD5693R/AD5693)
1.4
1.2
–0.2
0
0.2
0.4
0.6
0.8
1.0
2.70
3.30
3.75
4.25
4.75
5.25
VDD (V)
U1_DNL_INT_REF
U3_DNL_INT_REF
U2_DNL_EXT_REF
U1_INL_INT_REF
U3_INL_INT_REF
U2_INL_EXT_REF
U2_DNL_INT_REF
U1_DNL_EXT_REF
U3_DNL_EXT_REF
U2_INL_INT_REF
U1_INL_EXT_REF
U3_INL_EXT_REF
TA = 25°C
Figure 16. INL and DNL Error vs. VDD
0.06
–0.04
–0.02
0
0.02
0.04
–40
0
40
80
TEMPERATURE (°C)
U1_EXT_REF
U2_EXT_REF
U3_EXT_REF
U1_INT_REF
U2_INT_REF
U3_INT_REF
VDD = 5V
GAIN = 1
VREF = 2.5V
Figure 17. TUE vs. Temperature
1.4
1.2
–0.2
0
0.2
0.4
0.6
0.8
1.0
2
3
4
5
VREF (V)
U1_DNL
U3_DNL
U2_INL
U2_DNL
U1_INL
U3_INL
VDD = 5V
TA = 25°C
Figure 18. INL and DNL Error vs. VREF (AD5693R/AD5693)
0
0
0
10000
2500
50000
12000
3000
60000
16383
4095
65535
8000
2000
40000
6000
1500
30000
4000
1000
20000
2000
500
10000
0.02
–0.04
–0.03
–0.02
–0.01
0
0.01
CODE
(AD5692R)
(AD5691R)
(AD5693R/AD5693)
Figure 19. TUE vs. Code
0.04
–0.02
–0.01
0
0.01
0.02
0.03
2.70
3.30
3.75
4.25
4.75
5.25
VDD (V)
U1_INT_REF
U2_INT_REF
U3_INT_REF
U1_EXT_REF
U2_EXT_REF
U3_EXT_REF
TA = 25°C
GAIN = 1
VREF = 2.5V
Figure 20. TUE vs. VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com