Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5693 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5693
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693 Datasheet(HTML) 3 Page - Analog Devices

  AD5693 Datasheet HTML 1Page - Analog Devices AD5693 Datasheet HTML 2Page - Analog Devices AD5693 Datasheet HTML 3Page - Analog Devices AD5693 Datasheet HTML 4Page - Analog Devices AD5693 Datasheet HTML 5Page - Analog Devices AD5693 Datasheet HTML 6Page - Analog Devices AD5693 Datasheet HTML 7Page - Analog Devices AD5693 Datasheet HTML 8Page - Analog Devices AD5693 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
AD5693R/AD5692R/AD5691R/AD5693
Rev. D | Page 3 of 26
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, VREF = 2.5 V to VDD − 0.2 V, VLOGIC = 1.62 V to 5.5 V, −40°C < TA < +105°C,
unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE1
AD5693R
Resolution
16
Bits
Relative Accuracy (INL)
A Grade
±8
LSB
B Grade
±2
LSB
Gain = 2
±3
LSB
Gain = 1
Differential Nonlinearity
±1
LSB
Guaranteed monotonic by design
AD5692R
Resolution
14
Bits
Relative Accuracy
±4
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic by design
AD5691R
Resolution
12
Bits
Relative Accuracy
A Grade
±2
LSB
B Grade
±1
LSB
Differential Nonlinearity
±1
LSB
Guaranteed monotonic by design
AD5693
Resolution
16
Bits
Relative Accuracy (INL)
±2
LSB
Gain = 2
±3
LSB
Gain = 1
Differential Nonlinearity
±1
LSB
Guaranteed monotonic by design
Zero Code Error
1.25
mV
All 0s loaded to DAC register
Offset Error
±1.5
mV
Full-Scale Error
±0.075
% of FSR
All 1s loaded to DAC register
Gain Error
±0.05
% of FSR
Total Unadjusted Error
±0.16
% of FSR
Internal reference, gain = 1
±0.14
% of FSR
Internal reference, gain = 2
±0.075
% of FSR
External reference, gain = 1
±0.06
% of FSR
External reference, gain = 2
Zero Code Error Drift
±1
µV/°C
Offset Error Drift
±1
µV/°C
Gain Temperature Coefficient
±1
ppm/°C
DC Power Supply Rejection Ratio
0.2
mV/V
DAC code = midscale, VDD = 5 V ±10%
OUTPUT CHARACTERISTICS
Output Voltage Range
0
VREF
V
Gain = 0
0
2 × VREF
V
Gain = 1
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL = 2 kΩ
Resistive Load
1
kΩ
CL = 0 µF
Load Regulation
10
µV/mA
VDD = 5 V, DAC code = midscale, −30 mA ≤ IOUT ≤ +30 mA
10
µV/mA
VDD = 3 V, DAC code = midscale, −20 mA ≤ IOUT ≤ +20 mA
Short-Circuit Current
20
50
mA
Load Impedance at Rails2
20
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com