Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5693 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5693
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5693 Datasheet HTML 12Page - Analog Devices AD5693 Datasheet HTML 13Page - Analog Devices AD5693 Datasheet HTML 14Page - Analog Devices AD5693 Datasheet HTML 15Page - Analog Devices AD5693 Datasheet HTML 16Page - Analog Devices AD5693 Datasheet HTML 17Page - Analog Devices AD5693 Datasheet HTML 18Page - Analog Devices AD5693 Datasheet HTML 19Page - Analog Devices AD5693 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
AD5693R/AD5692R/AD5691R/AD5693
Data Sheet
Rev. D | Page 16 of 26
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
0
200
400
600
800
1000
1200
VDD = 5V
TA = 25°C
GAIN = 1
FULL-SCALE
MIDSCALE
ZEROSCALE
Figure 33. Noise Spectral Density vs. Frequency, Gain = 1
–50
0
50
LOAD CURRENT (mA)
–1
0
6
5
4
3
2
1
VDD = 5V
TA = 25°C
GAIN = 1
0x4000
0xC000
0x0000
0x8000
0xFFFF
Figure 34. Source and Sink Capability, Gain = 1
500
450
400
350
300
250
200
150
100
50
0
–40
–20
0
20
40
60
80
105
TEMPERATURE (°C)
ZS_INT_REF_GAIN = 1
FS_EXT_REF_GAIN = 2
FS_INT_REF_GAIN = 2
ZS_INT_REF_GAIN = 2
FS_INT_REF_GAIN = 1
FS_EXT_REF_GAIN = 1
VDD = 5V
Figure 35. IDD vs. Temperature
1.4
1.0
0.6
0.2
–0.2
–0.6
–1.0
–1.4
0
0.01
0.02
0.03
LOAD CURRENT (A)
SINKING, VDD = 3V
SOURCING, VDD = 5V
SINKING, VDD = 5V
SOURCING, VDD = 3V
TA = 25°C
Figure 36. Headroom/Footroom vs. Load Current
–50
0
50
LOAD CURRENT (mA)
–2
–1
0
7
6
5
4
3
2
1
VDD = 5V
TA = 25°C
GAIN = 2
0x4000
0xC000
0x0000
0x8000
0xFFFF
Figure 37. Source and Sink Capability, Gain = 2
0
7
6
5
4
3
2
1
TIME (µs)
–0.0025
–0.0020
–0.0015
–0.0010
–0.0005
0
0.0005
0.0010
0.0015
GAIN = 2
GAIN = 1
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
CODE = 0x7FFF TO 0x8000
Figure 38. Digital-to-Analog Glitch Impulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com