Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5693 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5693
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5693 Datasheet HTML 13Page - Analog Devices AD5693 Datasheet HTML 14Page - Analog Devices AD5693 Datasheet HTML 15Page - Analog Devices AD5693 Datasheet HTML 16Page - Analog Devices AD5693 Datasheet HTML 17Page - Analog Devices AD5693 Datasheet HTML 18Page - Analog Devices AD5693 Datasheet HTML 19Page - Analog Devices AD5693 Datasheet HTML 20Page - Analog Devices AD5693 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Data Sheet
AD5693R/AD5692R/AD5691R/AD5693
Rev. D | Page 17 of 26
0
0.01
0.02
TIME (ms)
0
0.5
1.0
1.5
2.0
2.5
VDD = 5V
TA = 25°C
GAIN = 1
RL = 2kΩ
INTERNAL REFERENCE = 2.5V
0nF
0.2nF
1nF
4.7nF
10nF
Figure 39. Capacitive Load vs. Settling Time, Gain = 1
0
10
20
5
15
FREQUENCY (kHz)
–180
–130
–80
–30
20
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
Figure 40. Total Harmonic Distortion at 1 kHz
0
4
8
2
6
3
7
1
5
TIME (ms)
–1
6
5
4
3
2
1
0
–0.01
0.06
0.05
0.04
0.03
0.02
0.01
0
VDD
VOUT
Figure 41. Power-On Reset to 0 V
0
0.01
0.02
TIME (ms)
0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VDD = 5V
TA = 25°C
GAIN = 2
RL = 2kΩ
INTERNAL REFERENCE = 2.5V
0nF
0.2nF
1nF
4.7nF
10nF
Figure 42. Capacitive Load vs. Settling Time, Gain = 2
1k
10k
100k
10M
1M
FREQUENCY (Hz)
–80
–10
–20
–30
–40
–50
–60
–70
0
VDD = 5V
TA = 25°C
VOUT = MIDSCALE
EXTERNAL REFERENCE = 2.5V, ±0.1V p-p
GAIN = 2
GAIN = 1
Figure 43. Multiplying Bandwidth, External Reference = 2.5 V, ±0.1 V p-p,
10 kHz to 10 MHz
–5
0
5
15
SYNC
10
TIME (µs)
0
2
1
3
MIDSCALE, GAIN = 2
MIDSCALE, GAIN = 1
VDD = 5V
TA = 25°C
Figure 44. Exiting Power-Down to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com