Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5693 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5693
Description  Tiny 16-/14-/12-Bit I2C nanoDAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5693 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5693 Datasheet HTML 15Page - Analog Devices AD5693 Datasheet HTML 16Page - Analog Devices AD5693 Datasheet HTML 17Page - Analog Devices AD5693 Datasheet HTML 18Page - Analog Devices AD5693 Datasheet HTML 19Page - Analog Devices AD5693 Datasheet HTML 20Page - Analog Devices AD5693 Datasheet HTML 21Page - Analog Devices AD5693 Datasheet HTML 22Page - Analog Devices AD5693 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet
AD5693R/AD5692R/AD5691R/AD5693
Rev. D | Page 19 of 26
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER
The AD5693R/AD5692R/AD5691R/AD5693 are single 16-bit,
14-bit, and 12-bit, serial input, voltage output DACs with a 2.5 V
internal reference. The devices operate from supply voltages of 2.7 V
to 5.5 V. Data is written to the AD5693R/AD5692R/AD5691R/
AD5693 in a 24-bit word format via an I2C serial interface.
The AD5693R/AD5692R/AD5691R/AD5693 incorporate a
power-on reset circuit that ensures that the DAC output powers up
to zero scale. The devices also have a software power-down mode
that reduces the current consumption to 2 µA maximum.
TRANSFER FUNCTION
The internal reference is on by default. The input coding to the
DAC is straight binary. The ideal output voltage is given by the
following equations:
For the AD5693R/AD5693,
VOUT(D) = Gain × VREF ×
536
,
65
D
For the AD5692R,
VOUT(D) = Gain × VREF ×
384
,
16
D
For the AD5691R,
VOUT(D) = Gain × VREF ×
4096
D
where:
D is the decimal equivalent of the binary code that is loaded to
the DAC register.
Gain is the gain of the output amplifier and it is set to ×1 by
default. The gain can also be set to ×2 using the gain bit in the
control register.
DAC ARCHITECTURE
The AD5693R/AD5692R/AD5691R/AD5693 implement a
segmented string DAC architecture with an internal output buffer.
Figure 45 shows the internal block diagram.
INPUT
REGISTER
DAC
REGISTER
2.5V
REF
RESISTOR
STRING
REF (+)
REF (–)
GND
VOUT
VREF
Figure 45. DAC Channel Architecture Block Diagram
The simplified segmented resistor string DAC structure is
shown in Figure 46. The code loaded to the DAC register
determines the switch on the string that is connected to the
output buffer.
Because each resistance in the string has same value, R, the
string DAC is guaranteed monotonic.
R
R
R
R
R
TO OUTPUT
BUFFER
VREF
Figure 46. Simplified Resistor String Structure
Internal Reference
The AD5693R/AD5692R/AD5691R on-chip reference is on at
power-up but can be disabled via a write to the control register.
The AD5693R/AD5692R/AD5691R each have a 2.5 V, 2 ppm/°C
reference, giving a full-scale output of 2.5 V or 5 V, depending
on the state of the gain bit.
The internal reference is available at the VREF pin. It is internally
buffered and capable of driving external loads of up to 5 mA.
External Reference
The VREF pin is an input pin in the AD5693. The VREF pin can also
be configured as an input pin on the AD5693R/AD5692R/
AD5691R, allowing the use of an external reference if the
application requires it.
In the AD5693R/AD5692R/AD5691R, the default condition of
the on-chip reference is on at power-up. Before connecting an
external reference to the pin, disable the internal reference by
writing to the REF bit (Bit DB12) in the control register.
Output Buffer
The output buffer is designed as an input/output rail-to-rail
buffer, which gives a maximum output voltage range of up to
VDD. The gain bit sets the segmented string DAC gain to ×1 or
×2, as shown in Table 14.
The output buffer voltage is determined by VREF, the gain bit,
and the offset and gain errors.
The output buffer can drive a 10 nF capacitance with a 2 kΩ
resistor in parallel, as shown in Figure 39 and Figure 42. If
a higher capacitance load is required, use the snubber method
or a shunt resistor to isolate the load from the output amplifier.
The slew rate is 0.7 V/µs with a ¼ to ¾ scale settling time of 5 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com