Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8888-R1 Datasheet(PDF) 7 Page - Clare, Inc.

Part # M8888-R1
Description  DTMF Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M8888-R1 Datasheet(HTML) 7 Page - Clare, Inc.

Back Button M8888-R1 Datasheet HTML 3Page - Clare, Inc. M8888-R1 Datasheet HTML 4Page - Clare, Inc. M8888-R1 Datasheet HTML 5Page - Clare, Inc. M8888-R1 Datasheet HTML 6Page - Clare, Inc. M8888-R1 Datasheet HTML 7Page - Clare, Inc. M8888-R1 Datasheet HTML 8Page - Clare, Inc. M8888-R1 Datasheet HTML 9Page - Clare, Inc. M8888-R1 Datasheet HTML 10Page - Clare, Inc. M8888-R1 Datasheet HTML 11Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Staus Register Description
Bit
Name
Status Flag Set
Status Flag Cleared
b0
IRQ
Interrupt has occurred. Bit one (b1)
Interrupt is inactive. Cleared after
and/or bit 2 (b2) is set.status register is read.
b1
Transmit data register empty
Pause duration has terminated and transmitter
Cleared after status register is read or
(burst mode only)
is ready for new data.
when not in burst mode.
b2
Receive data register full.
Valid data is in the receive data register.
Cleared after status register is read.
b3
Delayed Steering
Set on valid detection of the absence of a
Cleared on detection of a valid DTMF
DTMF signal.
signal.
b3
b2
b1
b0
RSEL
IRQ
CP/DTMF
TOUT
M-8888
www.clare.com
7
Rev. 1
Common Crystal Connection
RS0
RD
WR
Function
0
1
0
Write to transmitter
0
0
1
Read from receiver
1
1
0
Write to control register
1
0
1
Read from status register
Internal Register Functions
CRA Bit Positions
b3
b2
b1
b0
C/R
S/D
TEST
BURST
CRB Bit Positions
Equations
Application Circuit (Single-Ended Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com