Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8888-R1 Datasheet(PDF) 2 Page - Clare, Inc.

Part # M8888-R1
Description  DTMF Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M8888-R1 Datasheet(HTML) 2 Page - Clare, Inc.

  M8888-R1 Datasheet HTML 1Page - Clare, Inc. M8888-R1 Datasheet HTML 2Page - Clare, Inc. M8888-R1 Datasheet HTML 3Page - Clare, Inc. M8888-R1 Datasheet HTML 4Page - Clare, Inc. M8888-R1 Datasheet HTML 5Page - Clare, Inc. M8888-R1 Datasheet HTML 6Page - Clare, Inc. M8888-R1 Datasheet HTML 7Page - Clare, Inc. M8888-R1 Datasheet HTML 8Page - Clare, Inc. M8888-R1 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.clare.com
2
M-8888
Rev. 1
ing the amplifier inputs at V
DD/2. Provisions are made
for the connection of a feedback resistor to the op-amp
output (GS) for gain adjustment. In a single-ended
configuration, the input pins should be connected as
shown in the Single-Ended Input Configuration above.
Differential Input Configuration above shows the nec-
essary connections for a differential input configura-
tion.
Receiver Section
The low and high group tones are separated by apply-
ing the DTMF signal to the inputs of two sixth-order
Single-Ended Input Configuration
Differential Input Configuration
Functional Description
M-8888 functions consist of a high-performance
DTMF receiver with an internal gain setting amplifier
and a DTMF generator that contains a tone burst
counter for generating precise tone bursts and paus-
es. The call progress mode, when selected, allows the
detection of call progress tones. A standard 8051,
8086/8 series microprocessor interface allows access
to an internal status register, two control registers, and
two data registers.
Input Configuration
The input arrangement consists of a differential input
operational amplifier and bias sources (V
REF) for bias-
Pin Functions
Name
Description
IN+
Noninverting op-amp input.
IN-
Inverting op-amp input.
GS
Gain select. Gives access to output of front end differential amplifier for connection of feedback resistor.
V
REF
Reference voltage output. Nominally V
DD/2 is used to bias inputs at mid-rail.
V
SS
Negative power supply input.
OSC1
DTMF clock/oscillator input.
OSC2
Clock output. A 3.5795 MHz crystal connected between OSC1 and OSC2 completes the internal oscillator circuit.
TONE
Dual tone multifrequency (DTMF) output.
WR
Write input. A low on this pin when CS is low enables data transfer from the microprocessor. TTL compatible.
CS
Chip select. TTL input (CS = 0 to select the chip).
RS0
Register select input. See Internal Register Functions on page 7. TTL compatible.
RD
Read input. A low on this pin when CS is low enables data transfer to the microprocessor. TTL compatible..
IRQ /CP
Interrupt request to microprocessor (open-drain output). Also, when call progress (CP) mode has been selected and
interrupt enabled, the IRQ/CP pin will output a rectangular wave signal representative of the input signal applied at the
input op-amp. The input signal must be within the bandwidth limits of the call progress filter. See Timing Diagrams on
page 11.
D0-D3
Microprocessor data bus. TTL compatible.
ESt
Early steering output. Presents a logic high once the digital algorithm has detected a valid tone pair (signal condition).
Any momentary loss of signal condition will cause ESt to return to a logic low.
St/GT
Steering input/guard time output (bidirectional). A voltage greater than V
TSt detected at St causes the device to register
the detected tone pair and update the output latch. A voltage less than V
TSt frees the device to accept a new tone pair. The
GT output acts to reset the external steering time-constant; its state is a function of ESt and the voltage on St.
V
DD
Positive power supply input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com