Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8888-R1 Datasheet(PDF) 1 Page - Clare, Inc.

Part # M8888-R1
Description  DTMF Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M8888-R1 Datasheet(HTML) 1 Page - Clare, Inc.

  M8888-R1 Datasheet HTML 1Page - Clare, Inc. M8888-R1 Datasheet HTML 2Page - Clare, Inc. M8888-R1 Datasheet HTML 3Page - Clare, Inc. M8888-R1 Datasheet HTML 4Page - Clare, Inc. M8888-R1 Datasheet HTML 5Page - Clare, Inc. M8888-R1 Datasheet HTML 6Page - Clare, Inc. M8888-R1 Datasheet HTML 7Page - Clare, Inc. M8888-R1 Datasheet HTML 8Page - Clare, Inc. M8888-R1 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.clare.com
DS-M8888-R1
M-8888
DTMF Transceiver
1
Features
· Advanced CMOS technology for low power con-
sumption and increased noise immunity
· Complete DTMF transmitter/receiver in a single
chip
· Standard 8051, 8086/8 microprocessor port
· Central office quality and performance
· Adjustable guard time
· Automatic tone burst mode
· Call progress mode
· Single +5 Volt power supply
· 20-pin DIP and SOIC packages
· 2 MHz microprocessor port operation
· Inexpensive 3.58 MHz crystal
Applications
· Paging systems
· Repeater systems/mobile radio
· Interconnect dialers
· PBX systems
· Computer systems
· Fax machines
· Pay telephone
· Credit card verification
Description
The M-8888 is a complete DTMF Transmitter
Receiver that features adjustable guard time, auto-
matic tone burst mode, call progress mode, and a fully
compatible 8051, 8086/8 microprocessor interface.
The receiver portion is based on the industry standard
M-8870 DTMF Receiver, while the transmitter uses a
switched-capacitor digital-to-analog converter for low-
distortion, highly accurate DTMF signaling. Tone
bursts can be transmitted with precise timing by mak-
ing use of the automatic tone burst mode. To analyze
call progress tones, a call progress filter can be select-
ed by an external microprocessor.
Ordering Information
Pin Connections
Block Diagram
Part #
Description
M-8888-01P
20-pin plastic DIP
M-8888-01SM
20-pin plastic SOIC
M-8888-01T
20-pin plastic SOIC,Tape and Reel


Similar Part No. - M8888-R1

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
DTMF Transceiver
More results

Similar Description - M8888-R1

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
CMOS Integrated DTMF Transceiver
logo
Clare, Inc.
M-8880 CLARE-M-8880 Datasheet
841Kb / 13P
M-8880 DTMF Transceiver
M-8888 CLARE-M-8888 Datasheet
451Kb / 14P
DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
Integrated DTMF Transceiver with Intel Micro Interface
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
DTMF Transceiver
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
Integrated DTMF Transceiver with Adaptive Micro Interface
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
DTMF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com