Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8888-R1 Datasheet(PDF) 8 Page - Clare, Inc.

Part # M8888-R1
Description  DTMF Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M8888-R1 Datasheet(HTML) 8 Page - Clare, Inc.

Back Button M8888-R1 Datasheet HTML 4Page - Clare, Inc. M8888-R1 Datasheet HTML 5Page - Clare, Inc. M8888-R1 Datasheet HTML 6Page - Clare, Inc. M8888-R1 Datasheet HTML 7Page - Clare, Inc. M8888-R1 Datasheet HTML 8Page - Clare, Inc. M8888-R1 Datasheet HTML 9Page - Clare, Inc. M8888-R1 Datasheet HTML 10Page - Clare, Inc. M8888-R1 Datasheet HTML 11Page - Clare, Inc. M8888-R1 Datasheet HTML 12Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DC Characteristics
Parameter
Symbol
Min
Typ*
Max
Units
Operating supply voltage
V
DD
4.75
5.0
5.25
V
Operating supply current
I
DD
-10
15
mA
Power consumption
P
O
-
50
78.75
mW
Inputs
High-level input voltage, OSC1
V
IHO
3.5
-
-
V
Low-level input voltage, OSC1
V
ILO
-
-
1.5
V
Input impedance (@ 1 KHz), IN+, IN-
R
IN
-10
-
M
Steering threshold voltage
V
TSt
2.2
2.3
2.5
V
Outputs
High-level output voltage (no load), OSC2
V
OHO
V
DD - 0.1V
-
-
V
Low-level output voltage (no load), OSC2
V
OLO
-
-
0.1
V
Output leakage current (V
OH = 2.4V), IRQ
I
OZ
-
1.0
10.0
µA
V
REF output voltage (no load)
V
REF
2.4
-
2.7
V
V
REF output resistance
R
OR
-
-
1.0
k
Data Bus
Low-level input voltage
V
IL
-
-
0.8
V
High-level input voltage
V
IH
2.0
-
-
V
Low-level output voltage (I
OL = 1.6 mA)
V
OL
-
-
0.4
V
High-level output voltage (I
OH = 400 µA)
V
OH
2.4
-
-
V
Input leakage current (V
IN = 0.4 to 2.4 V)
I
IZ
-
-
10.0
µA
All voltages referenced to V
SS unless otherwise noted. VDD = 5.0 V ± 5%; fC = 3.579545 MHz; TA = -40°C to +85°C unless otherwise noted.
*Typical values are for use as design aids only, and are not guaranteed or subject to production testing.
Parameter
Symbol
Value
Power supply voltage
(V
DD - VSS)VDD
+ 6.0 V max
Voltage on any pin
V
dc
V
SS -0.3 V to VDD + 0.3V
Current on any pin
I
DD
10 mA max
Operating temperature
T
A
-40°C to +85°C
Storage temperature
T
S
-65°C to +150°C
Note: Exceeding these ratings may cause permanent damage. Functional operation under these
conditions is not implied.
www.clare.com
8
M-8888
Rev. 1
Absolute Maximum Ratings
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com