Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8888-R1 Datasheet(PDF) 13 Page - Clare, Inc.

Part # M8888-R1
Description  DTMF Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M8888-R1 Datasheet(HTML) 13 Page - Clare, Inc.

Back Button M8888-R1 Datasheet HTML 6Page - Clare, Inc. M8888-R1 Datasheet HTML 7Page - Clare, Inc. M8888-R1 Datasheet HTML 8Page - Clare, Inc. M8888-R1 Datasheet HTML 9Page - Clare, Inc. M8888-R1 Datasheet HTML 10Page - Clare, Inc. M8888-R1 Datasheet HTML 11Page - Clare, Inc. M8888-R1 Datasheet HTML 12Page - Clare, Inc. M8888-R1 Datasheet HTML 13Page - Clare, Inc. M8888-R1 Datasheet HTML 14Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Tolerances
Inches
Metric (mm)
Min
Max
Min
Max
A
.093
.104
2.35
2.65
A1
.004
.012
.10
.30
b
.013
.020
.33
.51
D
.496
.512
12.60
13.00
E
.291
.299
7.39
7.59
e
.050 BSC
1.27 BSC
H
.394
.419
10.00
10.65
L
.016
.050
.40
1.27
M-8888
www.clare.com
13
Rev. 1
Package Dimensions
Tolerances
Inches
Metric (mm)
Min
Max
Min
Max
A
-
.210
-
5.33
A1
.015
-
.38
-
b
.014
.022
.36
.56
b2
.045
.070
1.14
1.78
C
.008
.014
.20
.36
D
.980
1.060
24.89
26.92
E
.300
.325
7.62
8.26
E1
.240
.280
6.10
7.11
e
.100 BSC
2.54 BSC
ec
15°
15°
L
.115
.150
2.92
3.81
Dimensions
mm
(inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com