Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7024S35FGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 7024S35FGI8
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7024S35FGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  7024S35FGI8 Datasheet HTML 1Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 2Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 3Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 4Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 5Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 6Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 7Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 8Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
6.42
IDT7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
2
Description
The IDT7024 is a high-speed 4Kx 16 Dual-Port Static RAM. The
IDT7024isdesignedtobeusedasastand-alone64K-bitDual-PortRAM
orasacombinationMASTER/SLAVEDual-PortRAMfor32-bitormore
wordsystems.UsingtheIDTMASTER/SLAVEDual-PortRAMapproach
in32-bitorwidermemorysystemapplicationsresultsinfull-speed,error-
freeoperationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
featurecontrolledbychipenable(CE)permitstheon-chipcircuitryofeach
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. J84-1 package body is approximately 1.15 in x 1.15 in x .17 in.
F84-2 package body is approximately 1.17 in x 1.17 in x .11 in.
PN100-1 package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
port to enter a very low standby power mode.
FabricatedusingIDT’sCMOShigh-performancetechnology,these
devices typically operate on only 750mW of power. Low-power (L)
versionsofferbatterybackupdataretentioncapabilitywithtypicalpower
consumptionof500µWfroma2Vbattery.
TheIDT7024ispackagedinaceramic84-pinPGA,an84-pinFlatpack
andPLCC,anda100-pinTQFP.Militarygradeproductismanufactured
incompliancewiththelatestrevisionofMIL-PRF-38535QML,makingit
ideallysuitedtomilitarytemperatureapplicationsdemandingthehighest
levelofperformanceandreliability.
2740 drw 02
14
15
16
17
18
19
20
INDEX
21
22
23
24
11 10 98
7
6
54
32
1 84 83
33 34 35 36 37 38 39 40 41 42 43 44 45
VCC
GND
I/O8L
A7L
13
12
25
26
27
28
29
30
31
32
46 47 48 49 50 51 52 53
72
71
70
69
68
67
66
65
64
63
62
73
74
61
60
59
58
57
56
55
54
82 81 80 79 78 77 76 75
GND
BUSYL
GND
IDT7024J or F
J84-1(4)
F84-2(4)
84-Pin PLCC / Flatpack
Top View(5)
INTL
M/
S
INTR
I/O9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O14L
I/O15L
I/O0R
I/O1R
I/O2R
VCC
I/O3R
I/O4R
I/O5R
I/O6R
I/O7R
I/O8R
A6L
A5L
A4L
A3L
A2L
A1L
A0L
BUSYR
A0R
A2R
A3R
A4R
A5R
A6R
A1R
,
11/06/01
Index
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
1009998 97 96 95 94 93 9291 90 89 8887 8685 84 83 82 8180 7978 77 76
IDT7024PF
PN100-1(4)
100-Pin TQFP
Top View(5)
N/C
N/C
N/C
N/C
I/O10L
I/O11L
I/O12L
I/O13L
GND
I/O14L
I/O15L
VCC
GND
I/O0R
I/O1R
I/O2R
I/O3R
VCC
I/O4R
I/O5R
I/O6R
N/C
N/C
N/C
N/C
2740 drw 03
N/C
N/C
N/C
N/C
A5L
A4L
A3L
A2L
A1L
A0L
INTL
GND
M/
S
BUSYR
INTR
A0R
N/C
N/C
N/C
N/C
BUSYL
A1R
A2R
A3R
A4R
,
11/06/01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com