Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7024S35FGI8 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # 7024S35FGI8
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7024S35FGI8 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button 7024S35FGI8 Datasheet HTML 14Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 15Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 16Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 17Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 18Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 19Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 20Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 21Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 22Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
6.42
IDT7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
21
Ordering Information
NOTE:
1. Industrial temperature range is available on selected PLCC packages in standard power. For other speeds, packages and powers contact your sales office.
2. Greenpartsavailable.Forspecificspeeds,packagesandpowerscontactyourlocalsalesoffice.
2740 drw 21
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
B
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
Military (-55
°C to +125°C)
Compliant to MIL-PRF-38535 QML
PF
G
J
F
100-pin TQFP (PN100, PNG100)
84-pin PGA (GU84)
84-pin PLCC (PL84 / PLG84)
84-pin Flatpack (FP84)
15
17
20
25
35
55
70
Commercial Only
Commercial Only
Commercial, Industrial & Military
Commercial & Military
Commercial & Military
Commercial, Industrial & Military
Military Only
S
L
Standard Power
Low Power
XXXXX
Device
Type
64K (4K x 16) Dual-Port RAM
7024
Speed in
nanoseconds
A
G(2)
Green
A
Blank
8
Tube or Tray
Tape & Reel
Datasheet Document History
01/13/99:
Initiateddatasheetdocumenthistory
Convertedtonewformat
Cosmeticandtypographicalcorrections
Pages 2 and 3 Added additional notes to pin configurations
06/04/99:
Changed drawing format
Page 1 Corrected DSC number
04/04/00:
Replaced IDT logo
Page 6 Corrected typo in Data Retention chart
Changed ±500mV to 0mV in notes
05/19/00:
Page 3 Clarified TA parameter
Page 4 Increasedstoragetemperatureparameter
Pages 5 and 6 DC Electrical parameters–changed wording from "open" to "disabled"
Datasheet Document History continued on page 22
LEAD FINISH (SnPb) parts are in EOL process. Product Discontinuation Notice - PDN# SP-17-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com