Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7024S35FGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7024S35FGI8
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7024S35FGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  7024S35FGI8 Datasheet HTML 1Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 2Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 3Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 4Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 5Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 6Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 7Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 8Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
6.42
IDT7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
4
Truth Table I: Non-Contention Read/Write Control
Recommended DC Operating
Conditions
Truth Table II: Semaphore Read/Write Control(1)
Absolute Maximum Ratings(1)
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from all of the I/O's (I/O0 - I/O15).
These eight semaphores are addressed by A0 - A2.
NOTE:
1. A0L — A11L
≠ A0R — A11R
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect reliability.
2. VTERM must not exceed Vcc +10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period over VTERM
> Vcc + 10%.
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
Inputs(1)
Outputs
Mode
CE
R/W
OE
UB
LB
SEM
I/O8-15
I/O0-7
H
XXXX
H
High-Z
High-Z
Deselcted: Power-Down
X
X
X
H
H
H
High-Z
High-Z
Both Bytes Deselected
LL
X
L
H
H
DATAIN
High-Z
Write to Upper Byte Only
L
L
X
H
L
H
High-Z
DATAIN
Write to Lower Byte Only
LL
X
L
L
H
DATAIN
DATAIN
Write to Both Bytes
LH
L
L
H
H
DATAOUT
High-Z
Read Upper Byte Only
LH
LH
LH
High-Z
DATAOUT
Read Lower Byte Only
LH
L
L
LH
DATAOUT
DATAOUT
Read Both Bytes
X
X
H
X
X
X
High-Z
High-Z
Outputs Disabled
2740 tbl 03
Inputs(1)
Outputs
Mode
CE(2)
R/W
OE
UB
LB
SEM
I/O8-15
I/O0-7
HH
L
X
X
L
DATAOUT
DATAOUT
Read Semaphore Flag Data Out
XH
L
H
H
L
DATAOUT
DATAOUT
Read Semaphore Flag Data Out
H
↑
XXX
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
X
↑
XH
H
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
L
X
XL
XL
____
____
Not Allowed
LX
X
X
L
L
____
____
Not Allowed
2740 tbl 04
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
o
C
TSTG
Storage
Temperature
-65 to +150
-65 to +150
o
C
IOUT
DC Output
Current
50
50
mA
2740 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2740 tbl 06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com