Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7024S35FGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 7024S35FGI8
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7024S35FGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 7024S35FGI8 Datasheet HTML 3Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 4Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 5Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 6Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 7Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 8Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 9Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 10Page - Integrated Device Technology 7024S35FGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
6.42
IDT7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
7
Data Retention Waveform
AC Test Conditions
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
*Including scope and Jig
Figure 1. AC Output Test Load
DATA RETENTION MODE
VCC
CE
2740 drw 05
4.5V
tCDR
tR
VIH
VDR
VIH
4.5V
VDR
2V
≥
2740 drw 06
1250
Ω
30pF
775
Ω
5V
DATAOUT
BUSY
INT
1250
Ω
5pF*
775
Ω
5V
DATAOUT
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns
1.5V
1.5V
Figures 1 and 2
2740 tbl 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com