Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG540 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BFG540
Description  isc Silicon NPN RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFG540 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BFG540 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFG540 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFG540 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN RF Transistor
BFG540/X
DESCRIPTION
·
Low Noise Figure
NF = 1.3 dB TYP. @VCE = 8 V, IC = 10 mA, f = 900 MHz
·
High Gain
︱
S21︱2 =16dB TYP. @VCE= 8 V,IC = 40 mA,f = 900 MHz
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use in low noise ,high-gain amplifiers and
linear broadband amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
2.5
V
IC
Collector Current-Continuous
120
mA
PC
Collector Power Dissipation
@TC=25℃
0.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃


Similar Part No. - BFG540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG540 PHILIPS-BFG540 Datasheet
132Kb / 16P
NPN 9 GHz wideband transistor
2000 May 23
BFG540 NXP-BFG540 Datasheet
312Kb / 14P
NPN 9 GHz wideband transistor
Rev. 05-21 November 2007
BFG540 NXP-BFG540 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Inchange Semiconductor ...
BFG540 ISC-BFG540 Datasheet
360Kb / 3P
isc Silicon NPN RF Transistor
logo
Guangdong Kexin Industr...
BFG540 KEXIN-BFG540 Datasheet
786Kb / 8P
NPN 9GHz Wideband Transistor
More results

Similar Description - BFG540

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com