Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN11 Datasheet(PDF) 4 Page - Hirose Electric

Part # PCN11
Description  Product Compliant with DIN Standard: Solderless Connection Type
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN11 Datasheet(HTML) 4 Page - Hirose Electric

  PCN11 Datasheet HTML 1Page - Hirose Electric PCN11 Datasheet HTML 2Page - Hirose Electric PCN11 Datasheet HTML 3Page - Hirose Electric PCN11 Datasheet HTML 4Page - Hirose Electric PCN11 Datasheet HTML 5Page - Hirose Electric PCN11 Datasheet HTML 6Page - Hirose Electric PCN11 Datasheet HTML 7Page - Hirose Electric PCN11 Datasheet HTML 8Page - Hirose Electric PCN11 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
A89
(Board thickness: 2.54mm)
s2 Row Backplane
qHousing With mounting hole
qHousing Without mounting hole
PCN11-*P-2.54H-2
PCN11A-*P-2.54H-2
CL No.
Part Number
Unit:mm
583-1050-2
583-1051-5
583-1052-8
583-1053-0
583-1054-3
583-1055-6
583-1056-9
PCN11-020P-2.54H-2
PCN11-032P-2.54H-2
PCN11-044P-2.54H-2
PCN11-050P-2.54H-2
PCN11-064P-2.54H-2
PCN11-090P-2.54H-2
PCN11-100P-2.54H-2
Number of Contacts
20
32
44
50
64
90
100
A
B
43.3
58.54
73.78
81.4
99.18
132.2
144.9
38.1
53.34
68.58
76.2
93.98
127
139.7
C
D
32.1
47.34
62.58
70.2
87.98
121
133.7
29.47
44.71
59.95
67.57
85.35
118.37
131.07
E
22.86
38.1
53.34
60.96
78.74
111.76
124.46
CL No.
Part Number
Unit:mm
583-1057-1
583-1058-4
583-1059-7
583-1060-6
583-1061-9
583-1062-1
583-1063-4
PCN11A-020P-2.54H-2
PCN11A-032P-2.54H-2
PCN11A-044P-2.54H-2
PCN11A-050P-2.54H-2
PCN11A-064P-2.54H-2
PCN11A-090P-2.54H-2
PCN11A-100P-2.54H-2
Number of Contacts
20
32
44
50
64
90
100
A
B
32.1
47.34
62.58
70.2
87.98
121
133.7
29.47
44.71
59.95
67.57
85.35
118.37
131.07
C
22.86
38.1
53.34
60.96
78.74
111.76
124.46
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com