Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN11 Datasheet(PDF) 18 Page - Hirose Electric

Part # PCN11
Description  Product Compliant with DIN Standard: Solderless Connection Type
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN11 Datasheet(HTML) 18 Page - Hirose Electric

Back Button PCN11 Datasheet HTML 12Page - Hirose Electric PCN11 Datasheet HTML 13Page - Hirose Electric PCN11 Datasheet HTML 14Page - Hirose Electric PCN11 Datasheet HTML 15Page - Hirose Electric PCN11 Datasheet HTML 16Page - Hirose Electric PCN11 Datasheet HTML 17Page - Hirose Electric PCN11 Datasheet HTML 18Page - Hirose Electric PCN11 Datasheet HTML 19Page - Hirose Electric PCN11 Datasheet HTML 20Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
A103
BAssembly Drawing
qPCN11 Socket Type
· Combination with PCN10, 12 and 13 can be selected alternatively.
· In connection with the backplane, various assemblies are available. (2.4mm thickness board)
For connector mating sizes, refer to the application pattern.
Plug-Right Angle
PCN12(A)-*P-2.54DS
2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100(12A)
3-row: 96(12, 12A)
4-row: PCN 10(A)-128P-2.54DS
Socket- Right Angle
PCN10C-*S-2.54DS (double-sided 2-points contacts)
PCN13-*S-2.54DS (single-sided 2-point contact)
2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100
(16 for PCN13 only)
3-row: PCN10A(B)-96S-2.54DS
PCN13(B)-96S-2.54DS
4-row: PCN10B-128S-2.54DS
Plug-Straight
PCN10-*S-2.54DSA
2-row: 20, 32, 44, 50, 64, 90, 100
3-row: 96
4-row: 128
Socket-Straight
PCN11-*S-2.54PFB-2
PCN12-*S-2.54DSA
PCN13-*S-2.54DSA (single-sided 2-point contact)
2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100
3-row: 96
4-row: 128 (PCN11, 13)
](double-sided 2-points contacts)
Cable Type
Crimp(AWG22 to 30)
PCN10-*S-2.54DSA
2-row: 20, 50, 64
3-row: 96
IDC(AWG28)
PCN10-64S-2.54R
3-row 96 contact type without row b
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com