Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN11 Datasheet(PDF) 3 Page - Hirose Electric

Part # PCN11
Description  Product Compliant with DIN Standard: Solderless Connection Type
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN11 Datasheet(HTML) 3 Page - Hirose Electric

  PCN11 Datasheet HTML 1Page - Hirose Electric PCN11 Datasheet HTML 2Page - Hirose Electric PCN11 Datasheet HTML 3Page - Hirose Electric PCN11 Datasheet HTML 4Page - Hirose Electric PCN11 Datasheet HTML 5Page - Hirose Electric PCN11 Datasheet HTML 6Page - Hirose Electric PCN11 Datasheet HTML 7Page - Hirose Electric PCN11 Datasheet HTML 8Page - Hirose Electric PCN11 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
A88
PCN11
– * P – 2.54 WA – 2
q
e
wr
t
y
q
e
wr
t
q
e
wr
t
y
q Series name : PCN11
w Number of contacts
: 20, 32, 44, 50, 64, 90, 96, 100
e Opening type
P : Male connector
r Contact pitch : 2.54mm
t Contact type
WA : Wrapping Backplane (Dia.0.8)
WB : Wrapping Backplane (Dia.0.9)
WC : Wrapping Backplane (Dia.1.0)
y Board thickness
2 : 2.4mm
qContact Board
PCN11
– * P – 2.54 KH
q Series name : PCN11
w Number of contacts : 10, 14, 16, 20, 26, 30, 34, 40, 50, 64, 96
e Opening type
P : Male connector
r Contact pitch : 2.54mm
t KH : Key header
qKey Header (Correspond to Backplane system)
PCN11
– * S – 2.54 PFB – 2
q Series name : PCN11
w Number of contacts : 10, 16, 20, 32, 44, 50, 64, 90, 96, 100, 128
e Opening type
S : Female connector
r Contact pitch : 2.54mm
t Contact type
PFB : Short type (Dia.0.9)
WB : Wrapping Backplane (Dia.0.9)
y Board thickness
2 : 2.4mm
qReceptacle
PCN11
A – * P – 2.54 BP – 2
q
e
wr
t
y
u
q Series name : PCN11
w Mounting hole type
Blank
: With mounting hole
A
: Without mounting hole
e Number of contacts : 10, 16, 20, 32, 44, 50, 64, 90, 96, 100, 128
r Opening type
P : Male connector
t Contact pitch : 2.54mm
y BP : Backplane housing
(H : 128 contacts only)
u Board thickness
2 : 2.4mm
qBackplane Housing
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com