Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN11 Datasheet(PDF) 2 Page - Hirose Electric

Part # PCN11
Description  Product Compliant with DIN Standard: Solderless Connection Type
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN11 Datasheet(HTML) 2 Page - Hirose Electric

  PCN11 Datasheet HTML 1Page - Hirose Electric PCN11 Datasheet HTML 2Page - Hirose Electric PCN11 Datasheet HTML 3Page - Hirose Electric PCN11 Datasheet HTML 4Page - Hirose Electric PCN11 Datasheet HTML 5Page - Hirose Electric PCN11 Datasheet HTML 6Page - Hirose Electric PCN11 Datasheet HTML 7Page - Hirose Electric PCN11 Datasheet HTML 8Page - Hirose Electric PCN11 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
A87
sProduct Specifications
s Material
qHousing, Contact Board and Key Header
100V DC
1000V AC/1 minute.
0.1A
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
96 hours at temperature of 40ç and humidity of 90% to 95%
500 cycles
Manual soldering: 300ç for 3 seconds
106M ohms
No flashover or insulation breakdown.
20m ohms max.
No electrical discontinuity of 10µs or more
Insulation resistance : 106M ohms min.
Contact resistance : 20m ohms max.
No deformation of components affecting performance.
No damage, cracks, or parts looseness.
(-65ç : 30 minutes¡15 to 35ç: 5 minutes max.¡
125ç : 30 minutes¡15 to 35ç: 5 minutes max.) 5 cycles
1.Insulation Resistance
2.Withstanding Voltage
3.Contact Resistance
4.Vibration
5.Humidity (Steady state)
6.Temperature Cycle
7.Durability (Mating/un-mating)
8.Resistance to Solderingr heat
Item
Specification
Condition
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Rating
Current rating: 2A
Voltage rating: 300V AC
Operating Temperature Range: -30 to +85ç (Note 1)
Operating Humidity Range: 40 to 80%
Storage Temperature Range: -10 to +60ç (Note 2)
Operating Humidity Range: 40 to 70% (Note 2)
Parts
Material
Finish
Remarks
Contact
Insulator
Copper alloy
PBT
Contact area: Gold plated
Remainder: Gold plated
---------------
qReceptacle, Backplane Housing
Parts
Material
Finish
Remarks
Contact
Insulator
Copper alloy
PBT
Beige
PFB
Contact area: Gold plated
Remainder: Tin-lead plated
WB
Contact area: Gold plated
Remainder: Gold flash plated
Post area: Gold plated
---------------
UL94V-0
sOrdering Information
PCN11
A – * P – 2.54 H 2
q
e
wr
t
y u
qHousing
q Series name : PCN11
w Mounting hole type
Blank
: With Mounting hole
A
: Without mounting hole
e Number of contacts : 20, 32, 44, 50, 64, 90, 96, 100
r Opening type
P : Male connector
t Contact pitch : 2.54mm
y H : Housing
u Board thickness
2 : 2.4mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com