Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN11 Datasheet(PDF) 1 Page - Hirose Electric

Part # PCN11
Description  Product Compliant with DIN Standard: Solderless Connection Type
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN11 Datasheet(HTML) 1 Page - Hirose Electric

  PCN11 Datasheet HTML 1Page - Hirose Electric PCN11 Datasheet HTML 2Page - Hirose Electric PCN11 Datasheet HTML 3Page - Hirose Electric PCN11 Datasheet HTML 4Page - Hirose Electric PCN11 Datasheet HTML 5Page - Hirose Electric PCN11 Datasheet HTML 6Page - Hirose Electric PCN11 Datasheet HTML 7Page - Hirose Electric PCN11 Datasheet HTML 8Page - Hirose Electric PCN11 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
A86
sFeatures
1. Compliant with the DIN standard
Comply with IEC603-2/DIN41612 standards.
2. Variation in number of contacts
10, 16, 20, 32, 44, 50, 64, 90, 96, 100 and 128 contacts
are available.
3. Reliabillty contact construction
The socket contact is constructed with the high reliability
double-sided 2-point contacts.
4. Applicable contact board thickness
The applicable contact board thickness is 2.54mm min.
5. Through-hole diameter variation
Ø0.8, Ø0.9 andØ1.0 through holes are available.
6. Backplane connection
Connected to the Backplane.
Refer to the fig 1
7. Compatibility with other series
Compatibility with PCN10, 12, and 13 series allows to
utilize various application patterns.
8. Press fit machine
Press fit machine is available.
sApplication
PBX, control equipment and so on.
Press fit Machine
PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
Fig 1
Backplane Connection
[PCN12(A)-*P-2.54DS
2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100(12A)
3-row: 96(12, 12A)
4-row: PCN 10(A)-128P-2.54DS]
PCN10C-*S-2.54DS(double-sided 2-point contacts)
PCN13-*S-2.54DS(single-sided 1-point contact)
2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100
(16 core for PCN13 only)
3-row: PCN10A(B)-96S-2.54DS
PCN13(B)-96S-2.54DS
4-row: PCN10B-128S-2.54DS
PCN10-*S-2.54DSA
2-row: 20, 32, 44, 50, 64, 90, 100
3-row: 96
4-row: 128
PCN11-*S-2.54PFB(double-sided 2-point contacts)
PCN12-*S-2.54DSA
PCN13-*S-2.54DSA(single-sided 1-point contact)
2-row: 10, 16, 20, 32, 44, 50, 64, 90, 100
3-row: 96
4-row: 128 (PCN11, 13)
Crimping(AWG22~30)
PCN10-*S-2.54DSA
2-row: 20, 50, 64
3-row: 96
Crimping(AWG28)
PCN10-64S-2.54R
3-row 96 contact type without row b
Plug-Right Angle
Socket- Right Angle
Plug-Straight
Socket-Straight
For connector mating sizes, refer to the application pattern.
Cable Type
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - PCN11

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN11-010P-2.54BP-2 HIROSE-PCN11-010P-2.54BP-2 Datasheet
739Kb / 10P
PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
PCN11-010S-2.54PFB-2 HIROSE-PCN11-010S-2.54PFB-2 Datasheet
739Kb / 10P
PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
PCN11-016P-2.54BP-2 HIROSE-PCN11-016P-2.54BP-2 Datasheet
739Kb / 10P
PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
PCN11-016S-2.54PFB-2 HIROSE-PCN11-016S-2.54PFB-2 Datasheet
739Kb / 10P
PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
PCN11-020P-2.54BP-2 HIROSE-PCN11-020P-2.54BP-2 Datasheet
739Kb / 10P
PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
More results

Similar Description - PCN11

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PCN10FA HIROSE-PCN10FA Datasheet
896Kb / 10P
PCN10F Series (Product Compliant with DIN Standard: Coaxial and High Current Contact Composite Type)
PCN11-20P-2.54H-2 HIROSE-PCN11-20P-2.54H-2 Datasheet
739Kb / 10P
PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PCN12 HIROSE-PCN12 Datasheet
1Mb / 19P
PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
PCN13 HIROSE-PCN13 Datasheet
1Mb / 16P
PCN10, 12, 13 Series (Product Compliant to DIN Standard: through hole,Wrapping Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com