Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD85308 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85308
Description  Panel Timing Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85308 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  FPD85308 Datasheet HTML 1Page - National Semiconductor (TI) FPD85308 Datasheet HTML 2Page - National Semiconductor (TI) FPD85308 Datasheet HTML 3Page - National Semiconductor (TI) FPD85308 Datasheet HTML 4Page - National Semiconductor (TI) FPD85308 Datasheet HTML 5Page - National Semiconductor (TI) FPD85308 Datasheet HTML 6Page - National Semiconductor (TI) FPD85308 Datasheet HTML 7Page - National Semiconductor (TI) FPD85308 Datasheet HTML 8Page - National Semiconductor (TI) FPD85308 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
4.0V
DC Input Voltage (V
IN)
−0.3V to V
DD +0.3V
DC Output Voltage (V
OUT)
−0.3V to V
DD +0.3V
Storage Temperature Range
(T
STG)
−65˚C to +150˚C
Lead Temperature (T
L)
(Soldering 10 sec.)
260˚C
ESD Rating:
(C
ZAP = 120 pF, RZAP = 1500Ω)
MM = 200V, HBM = 2000V
Operating Conditions
Min
Max
Units
Supply Voltage (V
DD)
3.0
3.6
V
Operating Temp. Range (T
A)
0
70
˚C
Supply Noise Voltage (V
CC)
100
mV
PP
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply that
the devices should be operated at these limits. The table of “Electrical
Characteristics” specifies conditions of device operation.
DC Electrical Characteristics T
A = 0˚C to 70˚C, VDD = 3.3V ± 0.3V (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Max
Units
V
OH
Minimum High Level
Output Voltage
V
DD = 3.0V, IOH =-8mA
2.4
V
V
OL
Maximum Low Level
Output Voltage
V
DD = 3.0V, IOL = 8 mA
0.4
V
V
IH
Minimum High Level
Input Voltage
2.0
V
V
IL
Maximum Low Level
Input Voltage
0.8
V
I
IN
Input Current
V
IN =VDD
10
µA
I
OZ
Maximum TRI-STATE
Output Leakage Current
V
IN =VDD,VIN =VSS
10
µA
I
DD
Average Supply Current
f = 65 MHz, C
LOAD = 50 pF
312
mA
V
THH
Differential Input High
Threshold
Common Mode Voltage = +1.2V
+100
mV
V
THL
Differential Input Low
Threshold
Common Mode Voltage = +1.2V
-100
mV
Device Specifications T
A = 0˚C to 70˚C, VDD = 3.3V (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Max
Units
RPLLS
Receiver Phase Lock Loop Set Time
10
ms
RCCS
RxIN Channel-to-Channel Skew (Note 2)
700
ps
Note 2: This limit assumes a maximum cable skew of 350 ps. Actual automated test equipment limit is 400 ps due to tester accuracy.
DS101356-12
FIGURE 1. FPD85308 (Receiver) Phase Lock Loop Set Time
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com