Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD85308 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85308
Description  Panel Timing Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85308 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button FPD85308 Datasheet HTML 6Page - National Semiconductor (TI) FPD85308 Datasheet HTML 7Page - National Semiconductor (TI) FPD85308 Datasheet HTML 8Page - National Semiconductor (TI) FPD85308 Datasheet HTML 9Page - National Semiconductor (TI) FPD85308 Datasheet HTML 10Page - National Semiconductor (TI) FPD85308 Datasheet HTML 11Page - National Semiconductor (TI) FPD85308 Datasheet HTML 12Page - National Semiconductor (TI) FPD85308 Datasheet HTML 13Page - National Semiconductor (TI) FPD85308 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Functional Description (Continued)
White Data
The White Data function generates all “1” data beginning at
line 769 and continuing until the beginning of the next frame.
This function is controlled via D6 Register Bit 7.
Timing Control
The Timing Control function generates control to column
drivers, row drivers, and power supply. The programmable
GPOs provide for CD latch pulse, REV, and gate driver
control generation. The GPOs allow the user to generate
control anywhere within the frame data. Standard gate driver
interface or custom gate interfaces can be implemented with
the nine GPOs. Note that GPO [8] must be used for output
blanking control.
Five registers provide the timing definition for each GPO.
The Horizontal Start register defines the output pixel number
for which the GPO output goes active. The Horizontal dura-
tion register determines how many clocks the output will
remain active during the line. The Vertical Start register
defines at what line # the output becomes active, and the
Vertical duration register defines how many lines the output
remains active. Each output has a control register (bit 0)
which defines the GPO polarity (active high or low). Another
bit in the control register (bit 1) enables the “toggle” mode.
This mode is useful in REV generation when alternating
polarity is required from line to line. Frame to Frame polarity
changes are made by programming an odd # in the vertical
duration register when in “toggle” mode. Please note that
ODD Frame size inputs are not supported in ’’toggle mode’’
function.
Two of the General Purpose Outputs have additional capa-
bilities. GPO [8] controls output blanking and must be used
for this purpose. If output blanking is not desired, this register
must be programmed to always be active. White data gen-
eration (all “1” data) at the end of each frame is generated
when D6 register bit 7 is set. When this bit is set, white data
is output after line #768 if GPO [8] is active. GPO [0] is
capable of performing line inversion on the output data. Bits
[5:3] of the Output Format Control register provides control
for this function.
See
APPENDIX A: GPO Programming Examples.
SERIAL EEPROM INTERFACE
The Serial EEPROM Interface controls the FPD85308 initial-
ization. If the EEPROM is not present (EESD and EESC are
pulled high), or if EEPROM address 80H is not “00”, the
internal default values are used to initialize all programmable
functions of the FPD85308.
At power-up, the FPD85308 configures the internal program-
mable registers with data from the EEPROM. After the
FPD85308 is initialized, the EEPROM can be accessed by
the system in which display configuration and manufacturing
information can be obtained. The EEPROM can be pro-
grammed “in system” providing quick evaluation of different
display timing.
External access to the EEPROM must be preceded by ap-
plying a “1” to pin TEST [2] in order to interrupt the
FPD85308 download.
The FPD85308 initialization data begins at EEPROM ad-
dress 80H. The first 128 bytes (0-7F) are reserved for dis-
play identification data.
A power-up delay can be programmed using bits [6:5] of the
Input Format Control Register. This delays outputting (driv-
ing) of the data and control for up to 5 frame times after
reset. The TEST [2] pin must be low for a power-up delay to
occur.
VERTICAL/HORIZONTAL REFERENCE GENERATOR
This block provides Vertical and Horizontal Reference points
for the Timing Control Function. VSYNC, HSYNC and ENAB
along with programmable control from the input control reg-
ister bits 0 and 1 (FIX HORIZONTAL and FIX VERTICAL)
are used to determine when the video from the host is valid.
Three input modes are supported. See
Table 1.
Fixed Vertical, Fixed Horizontal
The horizontal timing is fixed and determined by the Hori-
zontal Backporch register. The vertical timing is also fixed
and determined by the Vertical Backporch register. ENAB is
ignored and is not necessary.
Fixed Vertical, ENAB Controlled Horizontal
The horizontal timing is controlled by the ENAB timing. The
vertical timing is fixed and determined by the Vertical Back-
porch register and HSYNC input.
ENAB Only
In ENAB Only timing, VSYNC and HSYNC are ignored. All
timing is derived from the ENAB signal.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com