Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD85308 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85308
Description  Panel Timing Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85308 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FPD85308 Datasheet HTML 1Page - National Semiconductor (TI) FPD85308 Datasheet HTML 2Page - National Semiconductor (TI) FPD85308 Datasheet HTML 3Page - National Semiconductor (TI) FPD85308 Datasheet HTML 4Page - National Semiconductor (TI) FPD85308 Datasheet HTML 5Page - National Semiconductor (TI) FPD85308 Datasheet HTML 6Page - National Semiconductor (TI) FPD85308 Datasheet HTML 7Page - National Semiconductor (TI) FPD85308 Datasheet HTML 8Page - National Semiconductor (TI) FPD85308 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
FPD85308
Panel Timing Controller
General Description
The FPD85308 Panel Timing Controller is an integrated
FPD-Link based TFT-LCD timing controller. It resides on the
flat panel display and provides the interface signal routing
and timing control between graphics or video controllers and
a TFT-LCD system. FPD-Link is a low power, low electro-
magnetic interference interface used between this controller
and the host system.
The FPD85308 chip links the panel’s system interface to the
LCD display via a ten wire LVDS data bus. The data is then
routed to the source and gate display drivers. Both XGA and
SVGA resolutions are supported.
The FPD85308 is programmable via an optional external
serial EEPROM. Reserved space in the EEPROM is avail-
able for display identification information. The system can
access the EEPROM to read the display identification data
or program initialization values used by the FPD85308.
Features
n
FPD-Link System Interface utilizes Low Voltage
Differential Signaling (LVDS).
n
Supports Graphics Controllers with Spread Spectrum
interfaces for lower EMI
n
System programmable via EEPROM
n
Suitable for notebook and monitor applications
n
8-bit or 6-bit system interface
n
XGA or SVGA capable
n
Supports single or dual port column drivers
n
Programmable outputs provide customized control for
standard or in-house column drivers and row drivers
n
Programmable slew rate controlled outputs on CD
interface for reduced EMI
n
Polarity pin reduces CD data bus switching
n
CMOS circuitry operates from a 3.3V supply
System Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS101356-1
PRELIMINARY
May 2001
© 2001 National Semiconductor Corporation
DS101356
www.national.com


Similar Part No. - FPD85308

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD85310 NSC-FPD85310 Datasheet
440Kb / 29P
Panel Timing Controller
FPD85310VJD NSC-FPD85310VJD Datasheet
440Kb / 29P
Panel Timing Controller
More results

Similar Description - FPD85308

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD85310 NSC-FPD85310 Datasheet
440Kb / 29P
Panel Timing Controller
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88A TI-SN75LVDS88A Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88B TI-SN75LVDS88B Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
logo
National Semiconductor ...
FPD63310 NSC-FPD63310 Datasheet
38Kb / 2P
UNIVERSAL INTERFACE XGA PANEL TIMING CONTROLLER REDUCED SWING DIFFERENTIAL SIGNALING
logo
Advanced Micro Devices
AM9513A AMD-AM9513A Datasheet
2Mb / 39P
SYSTEM TIMING CONTROLLER
logo
List of Unclassifed Man...
CS5843 ETC2-CS5843 Datasheet
76Kb / 1P
LCD Panel Timing Controller
logo
AMETHERM Circuit Protec...
ATPA02 AMETHERM-ATPA02 Datasheet
140Kb / 10P
K8 Timing Controller
logo
Texas Instruments
FPD87392AXA TI1-FPD87392AXA Datasheet
187Kb / 6P
TFT-LCD Timing Controller
FPD87392 TI1-FPD87392_13 Datasheet
909Kb / 27P
TFT-LCD Timing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com