Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD85308 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85308
Description  Panel Timing Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85308 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button FPD85308 Datasheet HTML 2Page - National Semiconductor (TI) FPD85308 Datasheet HTML 3Page - National Semiconductor (TI) FPD85308 Datasheet HTML 4Page - National Semiconductor (TI) FPD85308 Datasheet HTML 5Page - National Semiconductor (TI) FPD85308 Datasheet HTML 6Page - National Semiconductor (TI) FPD85308 Datasheet HTML 7Page - National Semiconductor (TI) FPD85308 Datasheet HTML 8Page - National Semiconductor (TI) FPD85308 Datasheet HTML 9Page - National Semiconductor (TI) FPD85308 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Device Specifications T
A = 0˚C to 70˚C, VDD = 3.3V (unless otherwise specified) (Continued)
DS101356-18
Internal Pixel Count final value = pixels per line/2
Maximum Internal Pixel Count = 1024 (32.5 MHz clocks)
Internal Pixel Count is used to generate the horizontal_component for GPO generation
See
Figure 11
**Without Blanking control (GPO8), random data may be observed 16 OCLK before E/OSP. During this period it is also possible that 1 discontinuous (
incomplete) OCLK may also be observed. However this occurence should not adversely affect the actual image since it occurs before E/OSP.
FIGURE 9. Internal Pixel Count Used for GPO Control Generation
DS101356-19
LC = lines per frame count, LCmax = 2048 lines
Internal Line Count is used to generate the vertical component for GPO generation
See
Figure 11
FIGURE 10. Internal Line Count Used for GPO Control Generation
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com