Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD85308 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD85308
Description  Panel Timing Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD85308 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button FPD85308 Datasheet HTML 12Page - National Semiconductor (TI) FPD85308 Datasheet HTML 13Page - National Semiconductor (TI) FPD85308 Datasheet HTML 14Page - National Semiconductor (TI) FPD85308 Datasheet HTML 15Page - National Semiconductor (TI) FPD85308 Datasheet HTML 16Page - National Semiconductor (TI) FPD85308 Datasheet HTML 17Page - National Semiconductor (TI) FPD85308 Datasheet HTML 18Page - National Semiconductor (TI) FPD85308 Datasheet HTML 19Page - National Semiconductor (TI) FPD85308 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Functional Description (Continued)
TABLE 3. EEPROM Memory Map (Continued)
Address
Data (# bits)
Default Values
94,93
gpo [6]_pstart_reg (10)
00,01
96,95
gpo [6]_pcount_reg (11)
02,9F
98,97
gpo [6]_lstart_reg (11)
01,FD
9A,99
gpo [6]_lcount_reg (11)
00,01
9B
gpo [6]_cont_reg (5)
01
9D,9C
gpo [5]_pstart_reg (10)
00,01
9F,9E
gpo [5]_pcount_reg (11)
02,9F
A1,A0
gpo [5]_lstart_reg (11)
00,FD
A3,A2
gpo [5]_lcount_reg (11)
00,01
A4
gpo [5]_cont_reg (5)
01
A6,A5
gpo [4]_pstart_reg (10)
00,01
A8,A7
gpo [4]_pcount_reg (11)
02,9F
AA,A9
gpo [4]_lstart_reg (11)
03,22
AC,AB
gpo [4]_lcount__reg (11)
00,01
AD
gpo [4]_cont_reg (5)
01
AF,AE
gpo [3]_pstart_reg (10)
01,E0
B1,B0
gpo [3]_pcount_reg (11)
00,28
B3,B2
gpo [3]_lstart_reg (11)
00,01
B5,B4
gpo [3]_lcount_reg (11)
00,00
B6
gpo [3]_cont_reg (5)
01
B8,B7
gpo [2]_pstart_reg (10)
02,0B
BA,B9
gpo [2]_pcount_reg (11)
00,14
BC,BB
gpo [2]_lstart_reg (11)
00,01
BE,BD
gpo [2]_lcount_reg (11)
03,00
BF
gpo [2]_cont_reg (5)
00
C1,C0
gpo [1]_pstart_reg (10)
02,0D
C3,C2
gpo [1]_pcount_reg (11)
00,0A
C5,C4
gpo [1]_lstart_reg (11)
00,01
C7,C6
gpo [1]_lcount_reg (11)
03,01
C8
gpo [1]_cont_reg (5)
03
CA,C9
gpo [0]_pstart_reg (10)
02,0D
CC,CB
gpo [0]_pcount_reg (11)
00,0A
CE,CD
gpo [0]_lstart_reg (11)
00,01
D0,CF
gpo [0]_lcount_reg (11)
03,01
D1
gpo [0]_cont_reg (5)
02
D3,D2
output_format (16)
00,00
D4
output_drive (8)
AA
D5
cd_size (8)
67
D6
input_format (8)
01
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com