Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55JGI Datasheet(PDF) 15 Page - Integrated Device Technology

Part # 71421LA55JGI
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55JGI Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 71421LA55JGI Datasheet HTML 10Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 11Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 12Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 13Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 14Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 15Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 16Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 17Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
15
Trut h Ta ble I I I — Addre ss BUSY Arbit ra t ion
Trut h Ta ble I . N on-Cont e nt ion Re a d/Writ e Cont rol(4)
NOTES:
1. Pins BUSYL and BUSYR are both outputs for IDT71321 (Master). Both are inputs for IDT71421 (Slave). BUSYX outputs on the IDT71321 are open drain, not push-
pull outputs. On slaves the BUSYX input internally inhibits writes.
2. 'L' if the inputs to the opposite port were stable prior to the address and enable inputs of this port. 'H' if the inputs to the opposite port became stable after the address
and enable inputs of this port. If tAPS is not met, either BUSYL or BUSYR = LOW will result. BUSYL and BUSYR outputs can not be LOW simultaneously.
3. Writes to the left port are internally ignored when BUSYL outputs are driving LOW regardless of actual logic level on the pin. Writes to the right port are internally ignored
when BUSYR outputs are driving LOW regardless of actual logic level on the pin.
Trut h Ta ble s
Trut h Ta ble I I . I nt e r rupt Fla g(1,4)
NOTES:
1. A0L – A10L
≠ A0R – A10R.
2. If BUSY = L, data is not written.
3. If BUSY = L, data may not be valid, see tWDD and tDDD timing.
4. 'H' = VIH, 'L' = VIL, 'X' = DON’T CARE, 'Z' = HIGH IMPEDANCE
NOTES:
1. Assumes BUSYL = BUSYR = VIH
2. If BUSYL = VIL, then No Change.
3. If BUSYR = VIL, then No Change.
4. 'H' = HIGH, 'L' = LOW, 'X' = DON’T CARE
Left or Right Port(1)
Function
R/W
CE
OE
D0-7
X
H
X
Z
Port Disabled and in Power-Down Mode, ISB2 or ISB4
XH
X
Z
CER = CEL = VIH, Power-Down Mode, ISB1 or ISB3
LL
X
DATAIN
Data on Port Written Into Memory(2)
HL
L
DATAOUT
Data in Memory Output on Por
t(3)
H
L
H
Z
High Impedance Outputs
2691 tbl 12
Left Port
Right Port
Function
R/WL
CEL
OEL
A10L-A0L
INTL
R/WR
CER
OER
A10R-A0R
INTR
L
L
X
7FF
XXX
X
X
L(2)
Set Right INTR Flag
X
X
XXX
X
L
L
7FF
H(3)
Reset Right INTR Flag
XXX
X
L(3)
LL
X
7FE
X
Set Left INTL Flag
XL
L
7FE
H(2)
XX
X
X
X
Reset Left INTL Flag
2691 tbl 13
Inputs
Outputs
Function
CEL
CER
A0L-A10L
A0R-A10R
BUSYL(1)
BUSYR(1)
X
X
NO MATCH
H
H
Normal
H
X
MATCH
H
H
Normal
X
H
MATCH
H
H
Normal
L
L
MATCH
(2)
(2)
Write Inhibit(3)
2691 tbl 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com