Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55JGI Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 71421LA55JGI
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55JGI Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 71421LA55JGI Datasheet HTML 9Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 10Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 11Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 12Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 13Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 14Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 15Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 16Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
13
T im ing Wa ve for m of BUSY Arbit ra t ion Cont rolle d by CE T im ing(1)
T im ing Wa ve for m of BUSY Arbit ra t ion Cont rolle d
by Addre ss M a t c h T im ing(1)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
2. IftAPSisnotsatisfied,the BUSYwillbeassertedononesideortheother,butthereisnoguaranteeonwhichsideBUSY willbeasserted(IDT71321only).
AC Ele c t ric a l Cha ra c t e rist ic s Ove r t he
Ope ra t ing Te m pe ra t ure a nd Supply Volt a ge Ra nge (1)
NOTE:
1. 'X' in part numbers indicates power rating (SA or LA).
tAPS
(2)
ADDR "A"
AND "B"
ADDRESSES MATCH
tBAC
tBDC
CE"B"
CE"A"
BUSY"A"
2691 drw 12
BUSY"B"
ADDRESSES DO NOT MATCH
ADDRESSES MATCH
tAPS
(2)
ADDR"A"
ADDR"B"
2691 drw 13
tBAA
tBDA
tRC or tWC
71321X20
71421X20
Com'l Only
71321X25
71421X25
Com'l
& Ind
Symbol
Parameter
Min.Max.Min.Max.
Unit
INTERRUPT TIMING
tAS
Address Set-up Time
0
____
0
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tINS
Interrupt Set Time
____
20
____
25
ns
tINR
Interrupt Reset Time
____
20
____
25
ns
2691 tbl 11a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com