Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55JGI Datasheet(PDF) 12 Page - Integrated Device Technology

Part # 71421LA55JGI
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55JGI Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 71421LA55JGI Datasheet HTML 8Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 9Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 10Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 11Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 12Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 13Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 14Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 15Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
12
tWC
tWP
tDW
tDH
tBDD
tDDD
tBDA
tWDD
ADDR"B"
DATAOUT"B"
DATAIN"A"
ADDR"A"
MATCH
VALID
MATCH
VALID
R/W "A"
BUSY"B"
tAPS
(1)
2691 drw 10
tBAA
T im ing Wa ve for m of Writ e w it h Por t -t o-Por t Re a d a nd BUSY(2,3,4)
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for Slave (IDT71421).
2. CEL = CER = VIL
3. OE = VIL for the reading port.
4. All timing is the same for the left and right ports. Port "A" may be either the left or right port. Port "B" is opposite from port "A".
NOTES:
1. tWH must be met for both BUSY input (IDT71421, slave) or output (IDT71321, Master).
2. BUSY is asserted on port "B" blocking R/W"B", until BUSY"B" goes HIGH.
3. tWB is only for the slave version (IDT71421).
4. All timing is the same for the left and right ports. Port "A" may be either the left or right port. Port "B" is opposite from port "A".
T im ing Wa ve for m of Writ e w it h BUSY(4)
BUSY"B"
2691 drw 11
R/W"A"
tWP
tWH
tWB
R/W"B"
(2)
(1)
(3)
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com