Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55JGI Datasheet(PDF) 18 Page - Integrated Device Technology

Part # 71421LA55JGI
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55JGI Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button 71421LA55JGI Datasheet HTML 10Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 11Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 12Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 13Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 14Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 15Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 16Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 17Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
18
Dat a she e t Doc um e nt H ist or y (c ont inue d)
08/25/06:
Page 14
Changed INT"A" to INT"B" in the CLEAR INT drawing in the Timing Waveform of Interrupt Mode
10/29/08:
Page 17
Removed "IDT" from orderable part number
09/10/12:
Page 1& 2
52-pin STQFP added to the features and description
Page 3
PP52-1 pin configuration added
Page 9
Typo corrected
Page 17
Added T&R indicator and PP52-1 package information to the ordering information
06/10/16:
Page 2
Changed diagram for the J52 pin configuration by rotating package pin labels and pin
numbers 90 degrees clockwise to reflect pin1 orientation and added pin 1 dot at pin 1
Removed J52 chamfers and aligned the top and bottom pin labels in the standard direction
Changed diagram for the PN64/PP64 pin configuration by rotating package pin labels and pin
numbers 90 degrees counter clockwise to reflect pin 1 orientation and added pin 1 dot at pin 1
Page 3
PP52 pin configuration. Added the IDT logo, changed the text to be in alignment with new diagram
marking specs
Removed footnote 5 and its references
Pages 2 & 17
In pin configuration footnotes and in the Ordering Information: The package codes J52-1, PN64-1,
PP64-1 and PP52-1changed to J52, PN64, PP64 & PP52 respectively to match standard package codes
Product Discontinuation Notice - PDN# SP-17-02
Last time buy expires June 15, 2018
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-284-2794
San Jose, CA 95138
fax: 408-284-2775
DualPortHelp@idt.com
www.idt.com
02/20/18:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com